Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA053V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA053V2
Description  Independent power good signals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA053V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA053V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA053V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA053V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA053V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
June 2008
Rev 1
1/4
4
STEVAL-ISA053V2
Demonstration board for the PM6680A dual synchronous
step-down controller with adjustable output voltages plus LDO
Features
■ Constant on-time control allows very fast load
transients
■ 6 V to 36 V input voltage range
■ 5 V auxiliary output voltage
■ Adjustable switching outputs
■ Lossless current sensing
■ Negative current limit
■ Soft-start internally fixed at 2.8 ms
■ Soft-end for output discharge
■ 200 kHz / 300 kHz, 300 kHz / 400 kHz, 400 kHz
/ 500 kHz (OUT1 / OUT2 selectable switching
frequency)
■ Selectable pulse skip and no-audible skip
modes at light loads
■ Independent power good signals
Description
The PM6680A is a dual step-down controller with
adjustable output voltages. This demonstration
board is designed to test the performance of the
PM6680A by employing a typical application
circuit which allows testing of all the PM6680A
device functions. The kit features two switching
sections, with (typically) 3.3 V and 1.8 V outputs,
from a 6 V to 36 V input voltage.
The typical operating switching frequency of the
two switching sections is 200 kHz / 300 kHz,
respectively. Each switching section delivers more
than 2.5 A of output current.
Moreover, an internal linear regulator can provide
5 V @ 100 mA peak current.
STEVAL-ISA053V2
www.st.com


Similar Part No. - STEVAL-ISA053V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA053V1 STMICROELECTRONICS-STEVAL-ISA053V1 Datasheet
189Kb / 4P
Demonstration board for the PM6680 dual step-down controller with adjustable output voltage for notebook power system
29-Sep-2008
More results

Similar Description - STEVAL-ISA053V2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
logo
XP Power Limited
SDL400 XPPOWER-SDL400 Datasheet
731Kb / 4P
Single & Dual Outputs, Up to 700 W Peak Power, Fan Fail & Power Good Signals
logo
Power-One
ABC300 POWER-ONE-ABC300 Datasheet
552Kb / 5P
200 W convection cooled, Inhibit and Power Good signals
logo
Texas Instruments
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
logo
Richtek Technology Corp...
RT8130C RICHTEK-RT8130C Datasheet
257Kb / 18P
Power Good Indicator
logo
Artesyn Technologies
SIL60C2 ARTESYN-SIL60C2 Datasheet
770Kb / 3P
Power good output signal
logo
Dialog Semiconductor
SLG7NT4083 DIALOG-SLG7NT4083 Datasheet
327Kb / 9P
POWER GOOD DETECTOR
SLG7NT4192 DIALOG-SLG7NT4192 Datasheet
1Mb / 11P
Power Good Generator Logic
logo
Melexis Microelectronic...
EVB74190 MELEXIS-EVB74190 Datasheet
1Mb / 26P
2 High power independent drivers
logo
Renesas Technology Corp
SLG7NT4192V RENESAS-SLG7NT4192V Datasheet
1,011Kb / 11P
Power Good Generator Logic
February 25, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com