Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA063V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA063V2
Description  Power save mode at light load
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA063V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA063V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA063V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA063V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA063V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
December 2011
Doc ID 022622 Rev 1
1/4
4
STEVAL-ISA063V2
1 A, high efficiency single inductor DC-DC converter
based on the STBB1-APUR
Features
■ Buck-boost DC-DC converter
■ Operating input voltage range: 2.0 V to 5.5 V
■ 2% DC feedback voltage tolerance
■ Synchronous rectification
■ Shutdown function
■ 1.5 MHz switching frequency
■ Power save mode at light load
■ Typical efficiency: > 94%
■ 1 A output current capability
■ Shutdown current: < 1 µA
■ RoHS compliant
Description
The STEVAL-ISA063V2 demonstration board
implements a typical buck-boost DC-DC
converter based on STMicroelectronics’ STBB1-
APUR high efficiency single inductor dual mode
buck-boost DC-DC converter.
The device is fixed frequency and capable of
providing output voltages ranging from 1.2 V to
5.5 V and input voltages from 2.0 V to 5.5 V.
The STBB1-APUR can operate with input
voltages higher than, equal to, or lower than the
output voltage, rendering the product suitable for
single lithium-ion (Li-Ion), multicell alkaline or
NiMH applications where the output voltage is
within the battery voltage range.
The integrated low-RDSon N-channel and P-
channel MOSFET switches contribute to its high
efficiency.
STEVAL-ISA063V2
www.st.com


Similar Part No. - STEVAL-ISA063V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA060V1 STMICROELECTRONICS-STEVAL-ISA060V1 Datasheet
119Kb / 4P
6 W single output SMPS demonstration board
February 2009 Rev 1
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA067V1 STMICROELECTRONICS-STEVAL-ISA067V1 Datasheet
204Kb / 4P
Dual step-down controller with auxiliary voltages demonstration board based on the PM6681A for industrial system power
29-Apr-2009
STEVAL-ISA068V1 STMICROELECTRONICS-STEVAL-ISA068V1 Datasheet
342Kb / 4P
4 A DC output current
06-Jun-2012
More results

Similar Description - STEVAL-ISA063V2

ManufacturerPart #DatasheetDescription
logo
Sanken electric
NR111D SANKEN-NR111D Datasheet
712Kb / 14P
Light Load High Efficiency
NR111E SANKEN-NR111E Datasheet
482Kb / 13P
Light Load High Efficiency
NR119E SANKEN-NR119E Datasheet
482Kb / 13P
Light Load High Efficiency
logo
BetLux Electronics
TLL-E12S-061 BETLUX-TLL-E12S-061 Datasheet
40Kb / 1P
Save-Lamp
REV NO: V. 1
logo
Rohm
BD99010EFV-M ROHM-BD99010EFV-M Datasheet
1Mb / 31P
Simple Light Load Mode
logo
Semtech Corporation
SC171 SEMTECH-SC171_16 Datasheet
590Kb / 27P
Regulator with Optional Ultrasonic Power Save
logo
STMicroelectronics
STOD1317B STMICROELECTRONICS-STOD1317B Datasheet
907Kb / 22P
Very high efficiency at light load thanks to pulse skipping operation
11-Apr-2013
logo
Champion Microelectroni...
CM6502S CHAMP-CM6502S Datasheet
326Kb / 20P
EPA/90 ZVS-Like PFC CONTROLLER Design for High Efficient Power Supply at both Full Load and Light Load
logo
ACE Technology Co., LTD...
ACE757P ACE-ACE757P Datasheet
221Kb / 3P
1A Light Load Mode Buck Regulator with Integrated Inductor
VER 1.2
logo
Infineon Technologies A...
BGA9H1BN6 INFINEON-BGA9H1BN6 Datasheet
646Kb / 12P
Highband High Performance LNA with Power-Save-Mode
Revision 2.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com