Electronic Components Datasheet Search
  English  ▼

X  

IRKD236/12 Datasheet(PDF) 5 Page - International Rectifier

Part # IRKD236/12
Description  STANDARD RECOVERY DIODES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKD236/12 Datasheet(HTML) 5 Page - International Rectifier

  IRKD236/12 Datasheet HTML 1Page - International Rectifier IRKD236/12 Datasheet HTML 2Page - International Rectifier IRKD236/12 Datasheet HTML 3Page - International Rectifier IRKD236/12 Datasheet HTML 4Page - International Rectifier IRKD236/12 Datasheet HTML 5Page - International Rectifier IRKD236/12 Datasheet HTML 6Page - International Rectifier IRKD236/12 Datasheet HTML 7Page - International Rectifier IRKD236/12 Datasheet HTML 8Page - International Rectifier IRKD236/12 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IRK.166, .196, .236 Series
5
Bulletin I27116 rev. C 03/02
www.irf.com
Fig.5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 1 - Current Ratings Characteristics
Fig. 4 - On-State Power Loss Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 2 - Current Ratings Characteristics
70
80
90
10 0
11 0
12 0
13 0
14 0
15 0
0
4 0
80
120
16 0
2 00
30
60
90
120
180
Co nd uction A ng le
Ave rag e Forw a rd C urren t (A )
IRK.166.. Se rie s
R
(D C ) = 0.20 K/W
thJ C
70
80
90
10 0
11 0
12 0
13 0
14 0
15 0
0
50
1 0 0
15 0
2 00
2 5 0
3 0 0
DC
30
60
90
120
180
C o nd u ction P e riod
A vera g e Forw ard C urrent (A)
IRK.166.. Series
R
(D C ) = 0.20 K/W
thJC
0
50
100
150
200
250
0
4 0
8 0
120
16 0
200
Averag e Forw ard C urre n t (A )
RM S Lim it
Co nd uc tio n Ang le
180
120
90
60
30
IRK.166.. Series
T = 15 0 C
J
0
50
10 0
15 0
20 0
25 0
30 0
0
5 0
1 00
15 0
20 0
25 0
3 00
DC
180
120
90
60
30
RM S Lim it
Cond uc tio n P e r io d
A vera g e Forw ard C urrent (A)
IR K .1 6 6.. Se rie s
Pe r J u n ctio n
T
= 15 0 C
J
10 00
15 00
20 00
25 00
30 00
35 00
40 00
110
1 0 0
N u m b er O f Eq ua l A m p litud e Ha lf C ycle C urrent Pu lses (N )
In itia l T = 1 5 0 C
@ 60 H z 0.0083 s
@ 50 H z 0.0100 s
At An y Ra ted Lo a d C o n d itio n A nd W ith
R a ted V
A p p lie d F o llo w in g Surge .
RRM
J
IRK .166.. Se rie s
50 0
10 00
15 00
20 00
25 00
30 00
35 00
40 00
0.01
0.1
1
Pu lse Train D ura tion (s)
M axim um N on Rep etitive Surg e C urrent
Initial T
= 150 C
N o V o ltag e Rea pp lied
Ra te d V
Rea pp lied
Versus P ulse Train Dura tio n.
J
RRM
IRK.166.. Se ries



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com