Electronic Components Datasheet Search
  English  ▼

X  

MTS6018 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # MTS6018
Description  SMTO-8 TRIPLE- BALANCED MIXER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

MTS6018 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  MTS6018 Datasheet HTML 1Page - Teledyne Technologies Incorporated MTS6018 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
MTS6018
-20
-30
-40
-50
-60
Isolation (L to I) vs Frequency1
0.01
0.5
1.0
2.0
3.0
4.0
5.0
6.0
- 1 5
-20
-25
-30
-35
Isolation (L to R) vs Frequency1
F R E Q U E N C Y - G H z
0.01
0.5
1.0
2.0
3.0
4.0
5.0
6.0
K E Y : + 2 5 C
+ 8 5 C
- 5 5 C
F
L
a t + 1 3 d B m
F
L
a t + 1 3 d B m
F
F R E Q U E N C Y - G H z
Isolation (R to I) vs Frequency1
F R E Q U E N C Y - G H z
0.01
0.5
1.0
2.0
3.0
4.0
5.0
6.0
- 2 0
-25
-30
-35
-40
-45
-50
F
L
a t + 1 3 d B m , 3 . 0 G H z
Conversion Loss vs LO Drive Level
3
- 5
-6
-7
-8
-9
-10
-11
L O D R I V E - d B m
6
8
10
11
12
13
14
15
16
17
18
19
20
F
F
L
= 5 . 0 G H z , H i - S i d e L O
F
I
= 3 0 M H z
0.01 0.5
1.0
2.0
3.0
4.0
5.0
6.0 6.5
Conversion Loss vs RF Frequency 3
- 4
- 5
- 6
- 7
- 8
- 9
- 1 0
F R E Q U E N C Y - G H z
F
F
L
a t + 1 3 d B m
4
3
2
1
L-Port VSWR vs Frequency 2
F R E Q U E N C Y - G H z
0.01
0.5
1.0
2.0
3.0
4.0
5.0
6.0
4
3
2
1
R-Port VSWR vs Frequency 2
F R E Q U E N C Y - G H z
F R E Q U E N C Y - G H z
0.01
0.5
1.0
2.0
3.0
4.0
5.0
6.0
4
3
2
1
I-Port VSWR vs Frequency 2
0
0.5
1.0
2.0
3.0
F
L
= 4 . 0 G H z a t + 1 3 d B m
F
L
= 4 . 0 G H z a t + 1 3 d B m
F
L
a t + 1 3 d B m
F
1Level of the f
L signal fed through to the R- and I-ports with respect to the level of the fL signal
at the L-port.
2 VSWR of the I- and R-ports in a 50-ohm system. Some variation in the R-port VSWR will occur
as a function of the L-port frequency as shown above.
The minimum recommended drive level is +13 dBm.
3Conversion loss of the mixer when used in an SSB system. The frequency ordinate
refers to the R-port (fR) with fI at 30 MHz.
IP3
F
F
R
= 2 1 0 0 , 2 1 0 4 M H z @ - 1 0 d B m
F
L
= 4 0 0 0 M H z @ + 1 3 d B m
V e r t i c a l S c a l e : 1 0 d B / D I V
F
0
1.0
2.0
3.0
4.0
Relative IF Response
2
1
0
- 1
- 2
- 3
I F F R E Q U E N C Y - G H z
A t L O = + 1 6 d B m
A t L O = + 1 3 d B m
F
L
= 5 . 0 G H z , H i - s i d e L O
F
Intercept Point
0.01 0.5
1.0
2.0
3.0
4.0
5.0
5.5 6.0
5 0
4 0
3 0
2 0
1 0
F R E Q U E N C Y - G H z
I F = 30 MHz
R F = –10 dBm
L O = +1 3 d B m
H i - S i d e L O
I P 2
I P 3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com