Electronic Components Datasheet Search
  English  ▼

X  

MM58342N Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM58342N
Description  MM58342 High Voltage Display Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM58342N Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MM58342N Datasheet HTML 1Page - National Semiconductor (TI) MM58342N Datasheet HTML 2Page - National Semiconductor (TI) MM58342N Datasheet HTML 3Page - National Semiconductor (TI) MM58342N Datasheet HTML 4Page - National Semiconductor (TI) MM58342N Datasheet HTML 5Page - National Semiconductor (TI) MM58342N Datasheet HTML 6Page - National Semiconductor (TI) MM58342N Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Functional Description (Continued)
pull-down resistors are not required. Due to the nature of the
output stage, both its on and off impedance values vary as a
function of the display voltage applied. However,
Figures 3, 4
show that this output impedance will remain constant for a
fixed value of display voltage.
Figure 5 demonstrates the critical timing requirements be-
tween CLOCK and DATA IN for the MM58342.
To clear (reset) the display driver at power on or any time,
the following flushing routine may be used. With the enable
signal high, clock in 20 zeroes. Drive the enable signal low
and the display will be blank. It is recommended to clear the
driver at power on.
In
Figure 6, the ENABLE signal acts as an envelope, and
only while this signal is at a logic “1” does the circuit accept
CLOCK input signals. Data is transferred and shifted in the
internal shift register on the rising clock edge, i.e., “0”–“1”
transition. When the ENABLE signal goes low, the contents
of the shift registers are latched, and the display will show
new data. During data transfer, the display will show old
data. DATA OUT is also provided on the MM58342 being
output on the falling edge. At any time, the display may be
blanked under processor control, using the BLANKING
CONTROL input.
Figure
7
shows
a
schematic
diagram
of
a
microprocessor-based system where the MM58342 is used
to provide the grid drive for a 40-digit 2 line5x7 multiplexed
vacuum fluorescent (VF) display. The anode drive in this
example is provided by another member of the high voltage
display driver family, namely the MM58348, which does not
require an extremely generated load signal.
Timing Diagrams
00792503
FIGURE 3. Output Impedance Off
00792504
FIGURE 4. Output Impedance On
00792505
FIGURE 5. Clock and Data Timings
www.national.com
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com