Electronic Components Datasheet Search
  English  ▼

X  

1042017 Datasheet(PDF) 6 Page - SICK AG

Part # 1042017
Description  BAR CODE SCANNERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1042017 Datasheet(HTML) 6 Page - SICK AG

  1042017 Datasheet HTML 1Page - SICK AG 1042017 Datasheet HTML 2Page - SICK AG 1042017 Datasheet HTML 3Page - SICK AG 1042017 Datasheet HTML 4Page - SICK AG 1042017 Datasheet HTML 5Page - SICK AG 1042017 Datasheet HTML 6Page - SICK AG 1042017 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CLV640-1120 | CLV64x
BAR CODE SCANNERS
Reading field diagram
Reading distance in mm (inch)
Focus position in mm (inch)
380
(14.96)
320
(12.6)
260
(10.24)
200
(7.87)
140
(5.51)
80
(3.15)
600
(23.62)
400
(15.75)
200
(7.87)
0
Resolution 0.5 mm (19.7 mil)
max. reading distance (aperture angle 25°)
max. reading distance (aperture angle 50°)
min. reading distance
A
B
C
A
B
C
For devices with plastic reading window, the depth of
field is reduced by approx. 10 %.
Recommended accessories
Other models and accessories
www.sick.com/CLV64x
Brief description
Type
Part no.
Mounting brackets and plates
Hanger-shaped mounting bracket, thermally isolated for use with heating devices,
mounting hardware included
Mounting bracket
2050705
Hanger-shaped mounting bracket, mounting hardware included
Mounting bracket
2042800
Modules
Small connection module for one sensor, 4 cable glands, base for CMC600
CDB620-001
1042256
Modular connection module for one sensor
CDM420-0001
1025362
Plug connectors and cables
Head A: female connector, M12, 12-pin, straight
Head B: male connector, D-Sub-HD, 15-pin, straight
Cable: Power, serial, CAN, digital I/Os, shielded, 2 m
Connection cable
(male connector -
female connector)
2041834
Head A: male connector, M12, 4-pin, straight, D-coded
Head B: male connector, RJ45, 8-pin, straight
Cable: Ethernet, drag chain use, PUR, shielded, 2 m
SSL-2J04-G02ME
6034414
6
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-03-21 14:30:08
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com