Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA114V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-ISA114V1
Description  5 V, 160 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA114V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-ISA114V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA114V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA114V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA114V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA114V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA114V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA114V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ISA114V1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Adapter features
STEVAL-ISA114V1
2/8
DocID025045 Rev 2
1
Adapter features
The electrical specifications are given in Table 1: "Electrical specifications", the schematic
in Figure 1: "Circuit schematic", and the bill of material in Table 2: "Bill of material".
Table 1: Electrical specifications
Parameter
Symbol
Value
Input voltage range
VIN
[80 VAC; 265 VAC]
Output voltage
VOUT
5 V
Max. output current
IOUT
0.16 A
Precision of output regulation
ΔVOUT_LF
± 5%
High frequency output voltage ripple
ΔVOUT_HF
50 mV
Max. ambient operating temperature
TAMB
60 ºC
Table 2: Bill of material
Name
Value
Description
Footprint
Manufacturer
C1
2.2 μF, 400 V
Electrolytic capacitor
Saxon
C2
2.2 μF, 400 V
Electrolytic capacitor
Saxon
C3
2.2 μF, 25 V
Ceramic capacitor
SMD: 0805
Murata
CFB
Not mounted
Ceramic capacitor
SMD: 0805
Cf
100 nF, 50 V
Ceramic capacitor
SMD: 0805
Murata
Cc
Not mounted
Ceramic capacitor
SMD: 0805
C7
22 nF, 25 V
Ceramic capacitor
SMD: 0805
Murata
C8
100 nF, 50 V
Ceramic capacitor
SMD: 0805
Murata
C9
100 µF, 25 V
Electrolytic capacitor
Rubycon, ZL series
D1
1N4007
High voltage rectifier
DO-41
Fairchild
D3
STTH1L06
High voltage ultra fast rectifier
SMB (SOD87)
ST
D4
STTH1L06
High voltage ultra fast rectifier
SMB (SOD87)
ST
Daux
Not mounted
Small signal diode
IC
VIPER06XS
High voltage converter
SSO-10
ST
L1
1 mH
Input filter inductor
SMD
Epcos
L2
RFB0810-681
0.68 mH power inductor
Coilcraft
R1
22 ohm
1 W resistor
Panasonic
R3
1 kohm, 1%
1/4 W resistor
SMD: 0805
Panasonic
R4a
1.5 kohm, 1%
1/4 W resistor
SMD: 0805
Panasonic
R4b
22 kohm
1/4 W resistor
SMD: 0805
R5a
15 kohm
1/4 W resistor
SMD: 0805
R5b
0 ohm, 1%
1/4 W resistor
SMD: 0805
Panasonic



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com