Electronic Components Datasheet Search
  English  ▼

X  

MM58274CV Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM58274CV
Description  Microprocessor Compatible Real Time Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM58274CV Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button MM58274CV Datasheet HTML 5Page - National Semiconductor (TI) MM58274CV Datasheet HTML 6Page - National Semiconductor (TI) MM58274CV Datasheet HTML 7Page - National Semiconductor (TI) MM58274CV Datasheet HTML 8Page - National Semiconductor (TI) MM58274CV Datasheet HTML 9Page - National Semiconductor (TI) MM58274CV Datasheet HTML 10Page - National Semiconductor (TI) MM58274CV Datasheet HTML 11Page - National Semiconductor (TI) MM58274CV Datasheet HTML 12Page - National Semiconductor (TI) MM58274CV Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Functional Description (Continued)
Both of the flags and the interrupt output are reset by the
trailing edge of the read strobe The flag information is held
latched during a control register read guaranteeing that sta-
ble status information will always be read out by the proces-
sor
Interrupt timeout is detected and stored internally if it occurs
during a read of the control register the interrupt output will
then go low only after the read has been completed
A clock setting pulse occurring during a control register read
will
not affect the data-changed flag since time data read
out before or after the control read will not be affected by
the time change
METHODS OF DEVICE OPERATION
Test Mode
National Semiconductor uses test mode for functionally
testing the MM58274C after fabrication and again after
packaging Test mode can also be used to set up the oscil-
lator frequency when the part is first commissioned
Figure 4 shows the internal clock connections when the de-
vice is written into test mode The 32768 kHz oscillator is
gated onto the interrupt output to provide a buffered output
for initial frequency setting This signal is driven from a
TRI-STATE output buffer enabling easy oscillator setting in
systems where interrupt is not normally used and there is no
external resistor on the pin
If an interrupt is programmed the 32768 kHz output is
switched off to allow high speed testing of the interrupt tim-
er The interrupt output will then function as normal
The clock startstop bit can be used to control the fast
clocking of the time registers as shown in
Figure 4
Initialization
When it is first installed and power is applied the device will
need to be properly initialized The following operation steps
are recommended when the device is set up (all numbers
are decimal)
1) Disable interrupt on the processor to allow oscillator set-
ting Write 1510 into the control register The clock and inter-
rupt startstop bits are set to 1 ensuring that the clock and
interrupt timers are both halted Test mode and the interrupt
register are selected
2) Write 0 to the interrupt register
Ensure that there are no
interrupts programmed and that the oscillator will be gated
onto the interrupt output
3) Set oscillator frequency
All timing has been halted and
the oscillator is buffered out onto the interrupt line
4) Write 5 to the control register
The clock is now out of test
mode but is still halted The clock setting register is now
selected by the interrupt select bit
5) Write 0001 to all registers This ensures starting with a
valid BCD value in each register
6) Set 1224 Hours Mode
Write to the clock setting register
to select the hours counting mode required
7) Load Real-Time Registers
All time registers (including
Leap Years and AMPM bit) may now be loaded in any
order Note that when writing to the clock setting register to
set up Leap Years and AMPM the Hours Mode bit must
not be altered from the value programmed in step 5
8) Write 0 to the control register
This operation finishes the
clock initialization by starting the time The final control reg-
ister write should be synchronized with an external time
source
In general timekeeping should be halted before the time
data is altered in the clock The data can however be al-
tered at any time if so desired Such may be the case if the
user wishes to keep the clock corrected without having to
stop and restart it ie wintersummer time changing can be
accomplished without halting the clock This can be done in
software by sensing the state of the data-changed flag and
only altering time data just after the time has rolled over
(data-changed flag set)
TLF11219 – 7
FIGURE 4 Test Mode Organization
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com