Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA129V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA129V1
Description  16 V - 280 mA non isolated off-line high voltage converter based on the VIPer16
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA129V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA129V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA129V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA129V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA129V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
April 2013
DocID024567 Rev 1
1/4
4
STEVAL-ISA129V1
16 V - 280 mA non isolated off-line high voltage converter based on
the VIPer16
Data brief
Features
• Input voltage range VIN: 90 VRMS - 265 VRMS
• Output voltage VOUT: 16 V
• Max output current IOUT: 0.28 A
• Precision of output regulation VOUT_LF: ±5%
• High frequency output voltage ripple VOUT_HF:
50 mV
• Max ambient operating temperature TA: 60 °C
• RoHS compliant
Description
The STEVAL-ISA129V1 demonstration board is a
16 V - 280 mA application set in non isolated
flyback topology using the VIPer16, a new off-line
high voltage converter by STMicroelectronics.
The VIPer16 features an 800 V avalanche rugged
power section, PWM operation at 115 kHz with
frequency jittering for lower EMI, limiting current
with adjustable set point, on-board soft-start, and
safe auto-restart after a fault condition.
Moreover, the VIPer16 can work with or without
the auxiliary winding. In the former case, it can
reach very low standby consumption (< 50 mW at
265 Vac), while in the latter the IC is supplied by
an internal current generator, thus eliminating the
cost of the transformer auxiliary winding.
• Protection features available include thermal
shutdown with hysteresis and delayed
overload protection.
www.st.com


Similar Part No. - STEVAL-ISA129V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA121V1 STMICROELECTRONICS-STEVAL-ISA121V1 Datasheet
276Kb / 6P
Complies with EuP Lot 6 requirements
09-Jan-2013
STEVAL-ISA122V1 STMICROELECTRONICS-STEVAL-ISA122V1 Datasheet
248Kb / 5P
Wide input-range, single-output 5 V / 11 W power supply demonstration board based on the VIPer27
11-Feb-2013
STEVAL-ISA125V1 STMICROELECTRONICS-STEVAL-ISA125V1 Datasheet
160Kb / 4P
5 V / 10 W, 60 kHz isolated flyback with extra power management based on the VIPer28LN
18-Jun-2013
STEVAL-ISA126V1 STMICROELECTRONICS-STEVAL-ISA126V1 Datasheet
167Kb / 4P
5 V-2 A, 115 kHz flyback with temporary extra-power management based on the VIPER28HN
10-Dec-2013
More results

Similar Description - STEVAL-ISA129V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA010V1 STMICROELECTRONICS-STEVAL-ISA010V1 Datasheet
188Kb / 4P
Ultra wide range dual output back converter demonstration board based on the VIPER16
06-May-2009
STEVAL-ISA058V1 STMICROELECTRONICS-STEVAL-ISA058V1 Datasheet
215Kb / 4P
5 W single output SMPS demonstration board based on the VIPer17 off-line high voltage converter
26-Aug-2009
STEVAL-ISA071V1 STMICROELECTRONICS-STEVAL-ISA071V1 Datasheet
84Kb / 4P
4 W non-isolated, wide input-voltage range SMPS demonstration board based on the VIPER16
11-Jun-2010
AN2872 STMICROELECTRONICS-AN2872 Datasheet
587Kb / 23P
Super wide-range buck converter based on the VIPer16
23-Apr-2009
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
11-Feb-2013
STEVAL-ISA130V1 STMICROELECTRONICS-STEVAL-ISA130V1 Datasheet
191Kb / 4P
12 V 140 mA 30 kHz non-isolated buck topology regulator based on VIPer06XN
02-Aug-2013
STEVAL-ISA178V1 STMICROELECTRONICS-STEVAL-ISA178V1 Datasheet
234Kb / 4P
5 V / 200 mA high voltage buck-converter based on VIPer01
16-Sep-2016
logo
Monolithic Power System...
MP171 MPS-MP171 Datasheet
516Kb / 20P
700 V Non-Isolated Off-Line Regulator Up to 60 mA Output Current
MP172 MPS-MP172 Datasheet
519Kb / 20P
700 V Non-Isolated Off-Line Regulator Up to 120 mA Output Current
MP173 MPS-MP173 Datasheet
539Kb / 20P
700 V Non-Isolated Off-Line Regulator Up to 280 mA Output Current
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com