Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA131V3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA131V3
Description  1.82 V ??500 mA, 6 MHz synchronous step-down converter based on the ST1S15
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA131V3 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA131V3 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA131V3 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA131V3 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA131V3 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STEVAL-ISA131V3
1.82 V – 500 mA, 6 MHz synchronous step-down converter
based on the ST1S15
Data brief
Features
•
85% typical efficiency
•
500 mA output current capability
•
45 µA typical quiescent current
•
PFM or PWM operation for best efficiency
over the entire load range
•
Ultra-fast load and line transients
•
Short-circuit and thermal protection
•
Tiny external components
•
Auto or forced PWM selection using a
dedicated pin
•
ST1S15TPUR in DFN6 (2 x 2 mm)
•
RoHS compliant
Description
The STEVAL-ISA131V3 is a product evaluation
board designed around the ST1S15, a high-
efficiency miniaturized step-down converter able
to provide 500 mA output current from an input
voltage of 2.3 V to 5.5 V.
The converter operates at a switching frequency
of 6 MHz and is specifically designed for
applications where high efficiency and small
application areas are key factors.
January 2014
DocID025220 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com


Similar Part No. - STEVAL-ISA131V3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA131V1 STMICROELECTRONICS-STEVAL-ISA131V1 Datasheet
187Kb / 4P
1.82 V - 500 mA, 6 MHz synchronous step-down converter based on the ST1S15
30-Jan-2014
STEVAL-ISA131V2 STMICROELECTRONICS-STEVAL-ISA131V2 Datasheet
155Kb / 5P
2.8 V - 500 mA, 6 MHz synchronous step-down converter based on ST1S15J28R
29-Jul-2014
More results

Similar Description - STEVAL-ISA131V3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62300 TI-TPS62300 Datasheet
1,004Kb / 31P
500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62300 TI-TPS62300_07 Datasheet
1Mb / 37P
500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Analog Devices
ADP2121 AD-ADP2121 Datasheet
1Mb / 20P
600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
REV. B
logo
Texas Instruments
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
logo
STMicroelectronics
A6985F STMICROELECTRONICS-A6985F Datasheet
1Mb / 77P
38 V 500 mA synchronous step-down switching regulator
15-Apr-2015
logo
Texas Instruments
TPS560200 TI1-TPS560200_16 Datasheet
992Kb / 22P
4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
logo
STMicroelectronics
STEVAL-ISA131V1 STMICROELECTRONICS-STEVAL-ISA131V1 Datasheet
187Kb / 4P
1.82 V - 500 mA, 6 MHz synchronous step-down converter based on the ST1S15
30-Jan-2014
STEVAL-ISA131V2 STMICROELECTRONICS-STEVAL-ISA131V2 Datasheet
155Kb / 5P
2.8 V - 500 mA, 6 MHz synchronous step-down converter based on ST1S15J28R
29-Jul-2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com