Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA136V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA136V1
Description  3W, 5V output, isolated flyback converter using VIPer™ Plus - VIPER06HN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA136V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA136V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA136V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA136V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA136V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
May 2014
DocID024740 Rev 2
1/4
4
STEVAL-ISA136V1
3W, 5V output, isolated flyback converter using VIPer™ Plus -
VIPER06HN
Data brief
Features
• Universal input mains range: 85 - 265 VAC
frequency: 50 - 60 Hz
• Output voltage: 5 V / 0.6 A
• Very compact size
• Stand-by mains consumption: < 30 mW at
230 VAC
• Min active mode efficiency ηAV=66.89%
• EMI: according to EN55022-Class-B
• RoHS compliant
Description
The STEVAL-ISA136V1 evaluation board
implements a 5 V / 0.6 A isolated flyback 3 W
wide-range mains developed for general-purpose
applications.
The core of the application is the VIPER06HN, a
new off-line high voltage converter from the VIPer
plus family.
The IC combines a high-performance low-voltage
PWM controller chip and an 800 V, avalanche-
rugged power MOSFET in the same package.
The main characteristics of the board are its small
size, high efficiency and low standby
consumption. Extremely low consumption under
no-load conditions is ensured thanks to burst
mode operation, which reduces the average
switching frequency and minimizes all frequency-
related losses.
The VIPER06HN operates at fixed frequency (115
kHz). Frequency jittering is implemented, helping
it to meet electromagnetic disturbance standards.
The device is equipped with protection features,
such as delayed overload, open-loop failure and
hysteretic thermal protection, which improve the
reliability and safety of a design.
www.st.com


Similar Part No. - STEVAL-ISA136V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA130V1 STMICROELECTRONICS-STEVAL-ISA130V1 Datasheet
191Kb / 4P
12 V 140 mA 30 kHz non-isolated buck topology regulator based on VIPer06XN
02-Aug-2013
STEVAL-ISA131V1 STMICROELECTRONICS-STEVAL-ISA131V1 Datasheet
187Kb / 4P
1.82 V - 500 mA, 6 MHz synchronous step-down converter based on the ST1S15
30-Jan-2014
STEVAL-ISA131V2 STMICROELECTRONICS-STEVAL-ISA131V2 Datasheet
155Kb / 5P
2.8 V - 500 mA, 6 MHz synchronous step-down converter based on ST1S15J28R
29-Jul-2014
STEVAL-ISA131V3 STMICROELECTRONICS-STEVAL-ISA131V3 Datasheet
87Kb / 4P
1.82 V ??500 mA, 6 MHz synchronous step-down converter based on the ST1S15
22-Jan-2013
STEVAL-ISA132V1 STMICROELECTRONICS-STEVAL-ISA132V1 Datasheet
316Kb / 4P
300 W peak power (170 W continuous power) LLC resonant converter based on L6699, STB13N60M2 and STPS20H100CG
29-May-2015
More results

Similar Description - STEVAL-ISA136V1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-49 POWERINT-DER-49 Datasheet
578Kb / 17P
3W Non-Isolated Buck-Boost Converter using LNK305P
logo
Linear Technology
LT1424-5 LINER-LT1424-5 Datasheet
195Kb / 16P
Isolated Flyback Switching Regulator with 5V Output
LT1424-5 LINER-LT1424-5_15 Datasheet
201Kb / 16P
Isolated Flyback Switching Regulator with 5V Output
logo
STMicroelectronics
STEVAL-ISA180V1 STMICROELECTRONICS-STEVAL-ISA180V1 Datasheet
210Kb / 4P
12 V - 0.6 A flyback isolated converter using VIPer™Plus ??VIPer0P
21-Jul-2016
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
5 V, 160 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
September 2016 Rev 2
STEVAL-ISA115V1 STMICROELECTRONICS-STEVAL-ISA115V1 Datasheet
119Kb / 4P
12 V, 150 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
May 2014 Rev 2
STEVAL-ISA135V1 STMICROELECTRONICS-STEVAL-ISA135V1 Datasheet
137Kb / 4P
4 W, 12 V output, isolated flyback converter using VIPer™Plus - VIPER06HS
08-May-2014
STEVAL-ISA140V1 STMICROELECTRONICS-STEVAL-ISA140V1 Datasheet
190Kb / 4P
15W, 12V output, isolated flyback converter using VIPer™ Plus - VIPER37HE
November 2014 Rev 2
STEVAL-ISA177V1 STMICROELECTRONICS-STEVAL-ISA177V1 Datasheet
273Kb / 4P
5 V, 0.85 A flyback converter using VIPer™ Plus – VIPer01
02-Sep-2016
STEVAL-ISA179V1 STMICROELECTRONICS-STEVAL-ISA179V1 Datasheet
219Kb / 4P
15 V, 0.15 A buck converter using VIPer™ Plus – VIPer0P
14-Mar-2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com