Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA139V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-ISA139V1
Description  350 mA valley current limit adjustable step-down regulator based on the PM6644
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA139V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-ISA139V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA139V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA139V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA139V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic diagram
STEVAL-ISA139V1
2/4
DocID026819 Rev 1
1
Schematic diagram
Figure 1: STEVAL-ISA139V1 circuit schematic
S2
EN_SE L
1
3
2
R4
1M
J1
VIN+
1
C7
22u
1
2
J10
FB
1
R2
1M
C1
10n
1
2
J2
VIN-
1
33u
1
2
R3
2M
J7
EXT_VCC+
1
J8
EXT_VCC-
1
C2
10n
1
2
J5
VOUT+
1
C3
10n
1
2
C5
2.2u
1
2
C8
2.2u
1
2
C6
22u
1
2
J3
3.3V+
1
C4
1u
1
2
R1
1M
J9
SW
1
SW1
EN
1
2
3
4
S1
FB_SE L
1
3
2
S3
BYP_SE L
1
3
2
S T PM6644
TON
3
FB
2
VIN
7
VCC
8
BY P
9
REF3
10
REF
1
SW
6
EN
4
GND
5
EP
EP
J11
BY P
1
J4
3.3 V-
1
J6
VOU T-
1
OU T
BY P
SW
VIN
VCC
VIN
VIN
OU T
FB
VIN
OU T
OU T
EXT_VCC
BY P
VCC
EXT_VCC
SW
FB
BY P
0
0
0
0
0
0
0
0
0
0
0
0
0
- S1 (FB_SE L jumper) shorted to VCC
- S2 (EN_SE L jumper) shorted to VIN
- S3 (BYP_SE L jumper) shorted to OU T
GSPG2808141528SMD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com