Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA140V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA140V1
Description  15W, 12V output, isolated flyback converter using VIPer™ Plus - VIPER37HE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA140V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA140V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA140V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA140V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA140V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
November 2014
DocID025733 Rev 2
1/4
STEVAL-ISA140V1
15W, 12V output, isolated flyback converter using VIPer™ Plus -
VIPER37HE
Data brief
Features
• AC Main Input voltage range: 100 VAC to
265 VAC
• Mains frequency (fL): 50 Hz / 60 Hz
• Output voltage typ: 12 V
• Output current: 1.25 A
• Output ripple voltage: 50 mV
• Rated output power: 15 W
• Input power in standby @230 VAC: 50 mW
• Active mode efficiency: 78%
• Ambient operating temperature: 60 °C
• RoHS compliant
Description
The STEVAL-ISA140V1 is a 15 W wide range
evaluation board based on the Viper37HE. It is
designed as an example of an isolated auxiliary
power supply.
The board and the transformer were designed
and optimized in order to have a very compact
size evaluation board.
www.st.com


Similar Part No. - STEVAL-ISA140V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA142V1 STMICROELECTRONICS-STEVAL-ISA142V1 Datasheet
219Kb / 4P
50 W, wide-range, high power factor flyback converter using the L6564
November 2013 Rev 1
STEVAL-ISA143V1 STMICROELECTRONICS-STEVAL-ISA143V1 Datasheet
220Kb / 5P
12 V - 150 W resonant converter with synchronous rectification using the L6563H, L6699 and SRK2000
May 2014 Rev 2
STEVAL-ISA144V1 STMICROELECTRONICS-STEVAL-ISA144V1 Datasheet
194Kb / 4P
1.5 A step-down switching regulator evaluation board based on the L5983
January 2014 Rev 1
STEVAL-ISA145V1 STMICROELECTRONICS-STEVAL-ISA145V1 Datasheet
488Kb / 7P
250 W ATX SMPS evaluation board
January 2014 Rev 1
STEVAL-ISA146V1 STMICROELECTRONICS-STEVAL-ISA146V1 Datasheet
124Kb / 4P
4 A step-down switching evaluation board based on the ST1S50
April 2014 Rev 1
More results

Similar Description - STEVAL-ISA140V1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-48 POWERINT-DER-48 Datasheet
657Kb / 2P
1.6W Dual Output Flyback Converter using LNK304P
DER-106 POWERINT-DER-106 Datasheet
939Kb / 29P
15W Flyback Power Supply using TOP244P
logo
STMicroelectronics
STEVAL-ISA180V1 STMICROELECTRONICS-STEVAL-ISA180V1 Datasheet
210Kb / 4P
12 V - 0.6 A flyback isolated converter using VIPer™Plus ??VIPer0P
21-Jul-2016
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
5 V, 160 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
September 2016 Rev 2
STEVAL-ISA115V1 STMICROELECTRONICS-STEVAL-ISA115V1 Datasheet
119Kb / 4P
12 V, 150 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
May 2014 Rev 2
STEVAL-ISA135V1 STMICROELECTRONICS-STEVAL-ISA135V1 Datasheet
137Kb / 4P
4 W, 12 V output, isolated flyback converter using VIPer™Plus - VIPER06HS
08-May-2014
STEVAL-ISA136V1 STMICROELECTRONICS-STEVAL-ISA136V1 Datasheet
253Kb / 4P
3W, 5V output, isolated flyback converter using VIPer™ Plus - VIPER06HN
May 2014 Rev 2
STEVAL-ISA177V1 STMICROELECTRONICS-STEVAL-ISA177V1 Datasheet
273Kb / 4P
5 V, 0.85 A flyback converter using VIPer™ Plus – VIPer01
02-Sep-2016
STEVAL-ISA179V1 STMICROELECTRONICS-STEVAL-ISA179V1 Datasheet
219Kb / 4P
15 V, 0.15 A buck converter using VIPer™ Plus – VIPer0P
14-Mar-2016
logo
Rohm
BD7F200HFN-LB ROHM-BD7F200HFN-LB_V01 Datasheet
1Mb / 30P
Isolated Flyback Converter
09.Dec.2022 Rev.004
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com