Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA143V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-ISA143V1
Description  12 V - 150 W resonant converter with synchronous rectification using the L6563H, L6699 and SRK2000
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA143V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-ISA143V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA143V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA143V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA143V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA143V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Description
STEVAL-ISA143V1
2/5
DocID025362 Rev 2
1
Description
The STEVAL-ISA143V1 system evaluation board is made up of two stages: a front-end PFC
using the L6563H, an LLC resonant converter based on the L6699 and the SRK2000,
controlling the SR MOSFETs on the secondary side. The SR driver and the rectifier
MOSFETs are mounted on a daughterboard.
The L6563H is a current mode PFC controller operating in transition mode and implements
a high voltage startup source to power on the converter.
The L6699 integrates all the functions necessary to properly control the resonant converter
with a 50% fixed duty cycle and work with variable frequency.
The output rectification is managed by the SRK2000, an SR driver dedicated to LLC
resonant topology.
The PFC stage works as pre-regulator and powers the resonant stage with a constant
voltage of 400 V. The downstream converter operates only if the PFC is on and regulating.
In this way, the resonant stage can be optimized for a narrow input voltage range.
The L6699’s LINE pin (pin 7) is dedicated to this function. It is used to prevent the resonant
converter from working with too low an input voltage, which can cause incorrect capacitive
mode operation. If the bulk voltage (PFC output) is below 380 V, the resonant startup is not
allowed. The L6699 LINE pin internal comparator has a hysteresis allowing the turn-on and
turn-off voltage to be independently set. The turn-off threshold is set to 300 V, allowing the
resonant stage to operate in case of mains sag and consequent PFC output dip.
The transformer uses the integrated magnetic approach, incorporating resonant series
inductance. Therefore, no external, additional coil is needed for the resonance. The
transformer configuration chosen for the secondary winding is center tap.
On the secondary side, the SRK2000 core function switches on each synchronous rectifier
MOSFET whenever the corresponding transformer half-winding starts conducting (i.e. when
the MOSFET body diode starts conducting) and then switches it off when the flowing current
approaches zero. For this purpose, the IC is provided with two pins (DVS1 and DVS2)
sensing the MOSFETs’ drain voltage level.
The SRK2000 automatically detects light load operation and enters Sleep mode, disabling
MOSFET driving and decreasing its own consumption. This function allows greater power
saving at light load compared to benchmark SR solutions.
In order to decrease the output capacitor size, aluminum solid capacitors with very low ESR
were favored over standard electrolytic ones. Therefore, high frequency output voltage
ripple is limited and output LC filter is not required. This choice allows saving of output
inductor power dissipation which can be significant in high output current applications such
as this.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com