Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA144V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-ISA144V1
Description  1.5 A step-down switching regulator evaluation board based on the L5983
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA144V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-ISA144V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA144V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA144V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA144V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic diagram
STEVAL-ISA144V1
2/4
DocID025361 Rev 1
1
Schematic diagram
Figure 1. STEVAL-ISA144V1 circuit schematic
K
0
0
1
5
RK
0
0
1
5
R
TTTT
U
OU
OU
OU
O
B
FB
FB
FB
F
H
N
IH
N
IH
N
IH
N
I
H
H
H
H
C
N
Y
SC
N
Y
SC
N
Y
SC
N
Y
S
C
C
VC
C
VC
C
VC
C
V
D
D
D
D
N
GN
GN
GN
G
3
8
98
98
98
9
5
L5
L5
L5
L
1
C1
C1
C1
C
F
u
0
1F
u
0
1F
u
0
1F
u
0
1
F
n
0
1
4
CF
n
0
1
4
CF
n
0
1
4
CF
n
0
1
4
C
K
9
9
.
4
1
RK
9
9
.
4
1
RK
9
9
.
4
1
RK
9
9
.
4
1
R
K
1
.
1
2
RK
1
.
1
2
RK
1
.
1
2
RK
1
.
1
2
R
1
D1
D1
D1
D
H
u
8
.
6
1
LH
u
8
.
6
1
LH
u
8
.
6
1
LH
u
8
.
6
1
L
U
5
2
L
2
S
PU
5
2
L
2
S
PU
5
2
L
2
S
PU
5
2
L
2
S
P
T
ST
ST
ST
S
FFFF
n
2
.
2
3
Cn
2
.
2
3
Cn
2
.
2
3
Cn
2
.
2
3
C
0
3
3 0
3
3 0
3
3 0
3
3
3333
R
R
R
R
F
p
0
2
2
5
CF
p
0
2
2
5
CF
p
0
2
2
5
CF
p
0
2
2
5
C
K
K
K
K
9
4
.
2
4
R9
4
.
2
4
R9
4
.
2
4
R9
4
.
2
4
R
W
W
W
W
S
FS
FS
FS
F
8888
3333
7777
6666
4444
5555
2222
2
C2
C2
C2
C
F
u
2
2F
u
2
2F
u
2
2F
u
2
2
6
C6
C6
C6
C
F
n
8
6F
n
8
6F
n
8
6F
n
8
6
O
CO
CO
CO
CO
CO
CO
CO
C
P
MP
MP
MP
MP
MP
MP
MP
M
11111111
V
8
1
o
t
V
3
.
3 V
3
=
N
I
V=
N
I=
I=
V
V
V
V
3333
....
3
=3
=3
=3
=
tttt
uuuu
o
Vo
Vo
Vo
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com