Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA145V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA145V1
Description  250 W ATX SMPS evaluation board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA145V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA145V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA145V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA145V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA145V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA145V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA145V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA145V1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
For further information contact your local STMicroelectronics sales office.
January 2014
DocID025359 Rev 1
1/7
STEVAL-ISA145V1
250 W ATX SMPS evaluation board
Data brief
Features
• Input mains range: VIN: 88 ~ 264 VRMS
frequency: 45 ~ 66 Hz
• Outputs: +12 VDC ± 2% - 13.5 A, +5 VDC ± 2%
- 12 A, +3.3 VDC ± 2% - 8 A, +5 VSTBY ± 2% -
2 A
• Standby consumption: < 0.2 W
• Protection features: short-circuit overload,
output overvoltage brownout
• PCB type and size: FR4 double-sided, CU 70
µm, 148 x 120 mm
• Safety: in accordance with EN60950
• EMI: in accordance with EN55022 - class B
• RoHS compliant
Description
The STEVAL-ISA145V1 system evaluation board
is a 250 W power supply unit that implements an
ATX like (multiple output configuration) or a server
like (single output configuration) design.
The STEVAL-ISA145V1 has been certified by
ECOS Consulting committee compliant to the 80
PLUS® specifications.
www.st.com


Similar Part No. - STEVAL-ISA145V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA140V1 STMICROELECTRONICS-STEVAL-ISA140V1 Datasheet
190Kb / 4P
15W, 12V output, isolated flyback converter using VIPer™ Plus - VIPER37HE
November 2014 Rev 2
STEVAL-ISA142V1 STMICROELECTRONICS-STEVAL-ISA142V1 Datasheet
219Kb / 4P
50 W, wide-range, high power factor flyback converter using the L6564
November 2013 Rev 1
STEVAL-ISA143V1 STMICROELECTRONICS-STEVAL-ISA143V1 Datasheet
220Kb / 5P
12 V - 150 W resonant converter with synchronous rectification using the L6563H, L6699 and SRK2000
May 2014 Rev 2
STEVAL-ISA144V1 STMICROELECTRONICS-STEVAL-ISA144V1 Datasheet
194Kb / 4P
1.5 A step-down switching regulator evaluation board based on the L5983
January 2014 Rev 1
STEVAL-ISA146V1 STMICROELECTRONICS-STEVAL-ISA146V1 Datasheet
124Kb / 4P
4 A step-down switching evaluation board based on the ST1S50
April 2014 Rev 1
More results

Similar Description - STEVAL-ISA145V1

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
SPI250F4BB SPI-SPI250F4BB Datasheet
76Kb / 1P
250 Watts FLEX ATX Power Supply
logo
Infineon Technologies A...
EVAL3DS01G28W INFINEON-EVAL3DS01G28W Datasheet
3Mb / 15P
28W-LCD ??Monitor SMPS Evaluation Board with ICE3DS01G
Version 1.2, Aug 2010
logo
Copal Electronics
AN14 COPAL-AN14 Datasheet
654Kb / 10P
W-52EVAL1 EVALUATION BOARD FOR W-52 WHITE LED DRIVER
AN24 COPAL-AN24 Datasheet
107Kb / 9P
W-6237EVAL2 EVALUATION BOARD FOR W-6237
AN26 COPAL-AN26 Datasheet
161Kb / 8P
W-6137EVAL1 EVALUATION BOARD FOR W-6137
logo
Infineon Technologies A...
ICE2QR2280G-1 INFINEON-ICE2QR2280G-1_15 Datasheet
797Kb / 14P
20 W 5 V SMPS Evaluation Board with Quasi- Resonant CoolSET??ICE2QR2280G-1
Revision 1.1, 2015-04-02
logo
STMicroelectronics
STEVAL-ISA030V1 STMICROELECTRONICS-STEVAL-ISA030V1 Datasheet
93Kb / 4P
6 W 3-phase SMPS for metering evaluation board
06-Dec-2007
STEVAL-ISA060V1 STMICROELECTRONICS-STEVAL-ISA060V1 Datasheet
119Kb / 4P
6 W single output SMPS demonstration board
February 2009 Rev 1
logo
Infineon Technologies A...
AN-EVAL-3AR4780VJZ INFINEON-AN-EVAL-3AR4780VJZ Datasheet
2Mb / 25P
12W 5V SMPS evaluation board with ICE3AR4780VJZ
Revision 1.2, 2015-05-12
logo
ON Semiconductor
NCL2801LED2GEVB ONSEMI-NCL2801LED2GEVB Datasheet
1Mb / 14P
Deep Dimming LED Driver 150 W Evaluation Board
March, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com