Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA149V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA149V1
Description  19 V, 75 W Energy Star-compliant SMPS using the L6563S and the L6566A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA149V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA149V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA149V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA149V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA149V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
June 2016
DocID025877 Rev 2
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA149V1
19 V, 75 W Energy Star-compliant SMPS using the L6563S and
the L6566A
Data brief
Features
Universal input mains range: 90 - 264 Vac,
Freq. 45 - 65 Hz
Output voltage: 19 V @ 4 A continuous
operation
Mains harmonics: in accordance with
EN61000-3-2 Class-D or JEIDA-MITI Class-
D
Standby mains consumption: < 0.14 W @
230 Vac, < 0.085 W @ 115 Vac
Active load average efficiency: greater than
87% without synchronous rectification
EMI: in accordance with EN55022-Class-B
Safety: in accordance with EN60950
Dimensions: 78 x 170 mm, 25 mm
component maximum height
PCB: single side, 70 μm, CEM-1, mixed
PTH/SMT
RoHS compliant
Description
The STEVAL-ISA149V1 implements a 75 W
SMPS reference design, tailored to the
specifications of a typical high-end portable
computer power supply (adapter). The
peculiarities of this design are its very high
efficiency at light load, and excellent global
efficiency for a two-stage architecture. The high
efficiency at high load is achieved without using
synchronized rectification at the secondary side,
resulting in a very cost-effective solution.The
circuit is made up of two stages: a front-end PFC
using the L6563S, and a flyback converter based
on the L6566A. The CV/CC controller TSM1014
allows accurate current limitation on the
secondary side. The flyback stage works as
master and is dedicated to controlling circuit
operation, including standby and protection
functions. Additionally, it switches the PFC stage
on and off by means of a dedicated pin (VCC_PFC),
helping to achieve excellent efficiency even at
light load, with a low level of complexity.
Efficiency during active load and light load
operation is compliant with Energy Star® eligibility
criteria for both external (EPA rev. 2.0 EPS) and
computer integrated (EPA rev. 4.0
COMPUTERS) power supplies. In addition, this
design is also compliant with the latest computer
requirements.


Similar Part No. - STEVAL-ISA149V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA140V1 STMICROELECTRONICS-STEVAL-ISA140V1 Datasheet
190Kb / 4P
15W, 12V output, isolated flyback converter using VIPer™ Plus - VIPER37HE
November 2014 Rev 2
STEVAL-ISA142V1 STMICROELECTRONICS-STEVAL-ISA142V1 Datasheet
219Kb / 4P
50 W, wide-range, high power factor flyback converter using the L6564
November 2013 Rev 1
STEVAL-ISA143V1 STMICROELECTRONICS-STEVAL-ISA143V1 Datasheet
220Kb / 5P
12 V - 150 W resonant converter with synchronous rectification using the L6563H, L6699 and SRK2000
May 2014 Rev 2
STEVAL-ISA144V1 STMICROELECTRONICS-STEVAL-ISA144V1 Datasheet
194Kb / 4P
1.5 A step-down switching regulator evaluation board based on the L5983
January 2014 Rev 1
STEVAL-ISA145V1 STMICROELECTRONICS-STEVAL-ISA145V1 Datasheet
488Kb / 7P
250 W ATX SMPS evaluation board
January 2014 Rev 1
More results

Similar Description - STEVAL-ISA149V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVL6566A-75WADP STMICROELECTRONICS-EVL6566A-75WADP Datasheet
202Kb / 8P
19 V - 75 W laptop adapter with tracking boost PFC pre-regulator, using the L6563 and the L6566A
28-Sep-2007
logo
XP Power Limited
VCP05US033 XPPOWER-VCP05US033 Datasheet
62Kb / 2P
Energy Star, CEC & EISA Compliant
logo
Cymbet Corporation
AN-1036 CYMBET-AN-1036 Datasheet
674Kb / 7P
Using the EnerChip CC in Energy Harvesting Designs
AN-1050 CYMBET-AN-1050 Datasheet
1Mb / 6P
Using the EnerChip Energy Harvesters with the TI LaunchPad
logo
STMicroelectronics
AN2936 STMICROELECTRONICS-AN2936 Datasheet
307Kb / 10P
10 W SMPS with HV power MOSFET and the L6565
16-Mar-2009
AN2994 STMICROELECTRONICS-AN2994 Datasheet
2Mb / 38P
400 W FOT-controlled PFC pre-regulator with the L6563S
30-Nov-2010
AN3065 STMICROELECTRONICS-AN3065 Datasheet
1Mb / 33P
100 W transition-mode PFC pre-regulator with the L6563S
06-Sep-2010
AN3119 STMICROELECTRONICS-AN3119 Datasheet
2Mb / 32P
250 W transition-mode PFC pre-regulator with the new L6563S
24-Nov-2010
logo
NXP Semiconductors
UM10469 PHILIPS-UM10469 Datasheet
914Kb / 17P
48 V/150 W demo board using the SSL4101
Rev. 1.2-29 December 2014
logo
XP Power Limited
AMD150 XPPOWER-AMD150 Datasheet
124Kb / 2P
Energy Star Level V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com