Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA152V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA152V1
Description  3 A DC output current
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA152V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA152V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA152V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA152V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA152V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
May 2014
DocID025489 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA152V1
3.3 V/3 A high efficiency step down DC-DC converter
(VIN= 4.5 to 60 V) based on the L7987
Data brief
Features
•
3.3 V output voltage
•
3 A DC output current
•
4.5 V to 60 V input voltage
•
500 kHz switching frequency
•
3.5 ms programmed soft-start
•
VBIAS switch-over for improved efficiency at
light load
•
180° out of phase synchronization available
•
Open drain PGOOD available
•
Auto recovery overcurrent and thermal
protection
•
RoHS compliant
Description
The STEVAL-ISA152V1 product evaluation board
is a step-down switching power supply based on
the L7987 regulator in an HTSSOP16 package.
The output voltage can be set starting from 0.8 V.
Low drop-out operation, with almost 100% duty
cycle, can be achieved.
The L7987 is a 61 V, 3 A step-down
asynchronous switching regulator with embedded
power MOSFET caable of delivering up to 3 A of
current, depending on the application conditions.
The embedded switch-over feature on the VBIAS
pin and the light load management (pulse
skipping) are intended to maximize power
conversion efficiency across the entire load
range.
The soft-start, current limit threshold and the
switching frequency are adjustable for application
optimization.
The device includes an internal 250 kHz oscillator
that can be externally adjusted up to 1.5 MHz;
two L7987 regulators can be synchronized in a
180° out-of-phase configuration for reduced total
input RMS current.


Similar Part No. - STEVAL-ISA152V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA153V1 STMICROELECTRONICS-STEVAL-ISA153V1 Datasheet
267Kb / 4P
12 V, 15 W (20 W peak) isolated flyback converter based on the VIPER38LE
16-May-2014
STEVAL-ISA154V1 STMICROELECTRONICS-STEVAL-ISA154V1 Datasheet
98Kb / 4P
0.7 A step-down switching regulator evaluation board based on the L5980
15-Apr-2014
STEVAL-ISA158V1 STMICROELECTRONICS-STEVAL-ISA158V1 Datasheet
281Kb / 5P
Embedded output voltage supervisor
15-Jan-2015
STEVAL-ISA159V1 STMICROELECTRONICS-STEVAL-ISA159V1 Datasheet
188Kb / 4P
Thermal shutdown
May 2015 Rev 2
More results

Similar Description - STEVAL-ISA152V1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK6103 SANYO-STK6103 Datasheet
232Kb / 11P
DC 3-phase Brushless Motor Driver (Output Current 3A)
STK6105 SANYO-STK6105 Datasheet
236Kb / 11P
DC 3-phase Brushless Motor Driver (Output Current 5A)?
logo
Vincotech
20-1B06IPB004RC-P952A40 VINCOTECH-20-1B06IPB004RC-P952A40 Datasheet
2Mb / 30P
Sense output of DC-current
20-1B06IPB006RC01-P953A45 VINCOTECH-20-1B06IPB006RC01-P953A45 Datasheet
1Mb / 8P
Sense output of DC-current
logo
Texas Instruments
PT5810 TI1-PT5810_14 Datasheet
212Kb / 11P
20 A Output Current
PT6460 TI1-PT6460_14 Datasheet
214Kb / 12P
14 A Output Current
PT6715 TI1-PT6715_14 Datasheet
228Kb / 9P
13-A Output Current
logo
Artesyn Technologies
LGA03C-00SADJJ ARTESYN-LGA03C-00SADJJ Datasheet
712Kb / 4P
3, 6, 10 and 20 A output current rating Power
logo
STMicroelectronics
STEVAL-ISA068V1 STMICROELECTRONICS-STEVAL-ISA068V1 Datasheet
342Kb / 4P
4 A DC output current
06-Jun-2012
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com