Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA153V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA153V1
Description  12 V, 15 W (20 W peak) isolated flyback converter based on the VIPER38LE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA153V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA153V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA153V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA153V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA153V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
May 2014
DocID026381 Rev 1
1/4
STEVAL-ISA153V1
12 V, 15 W (20 W peak) isolated flyback converter
based on the VIPER38LE
Data brief
Features
• Universal input mains range: 90 – 265 VAC
frequency: 50 - 60 Hz
• Output voltage/current: 12 V/1.25 A (1.65 A
peak)
• Very compact size
• Standby mains consumption: lower than 30
mW at 230 VAC
• Minimum active mode efficiency: 81.55%
• Minimum active mode at 10% load efficiency:
71.55%
• EMI: in accordance with EN55022-Class-B
• RoHS compliant
Description
The STEVAL-ISA153V1 product evaluation board
implements a 12 V/1.25 A, 15 W (20 W peak)
isolated flyback wide-range mains developed for
general-purpose applications.
The core of the application is the VIPER38LE, the
latest offline converter from the VIPerPlus family.
The device is a high-voltage converter that
smartly integrates an 800 V rugged power
MOSFET with PWM current-mode control. The
device features an adjustable extra power timer
(EPT) that enables the IC to sustain overload
conditions for a few seconds.
The main characteristics of the evaluation board
are its small size and minimal BOM, high
efficiency and low standby consumption.
Extremely low consumption under no-load
conditions is ensured thanks to burst mode
operation which reduces the average switching
frequency and minimizes all frequency-related
losses.
The VIPER38LE operates at a fixed 60 kHz
frequency. Frequency jittering is implemented,
which helps the application meet electromagnetic
disturbance standards.
The IC includes high-level protection features
such as dual-level OCP, output overvoltage,
short-circuit, and thermal shutdown with
hysteresis. After removal of a fault condition, the
IC is automatically restarted.
www.st.com


Similar Part No. - STEVAL-ISA153V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA152V1 STMICROELECTRONICS-STEVAL-ISA152V1 Datasheet
137Kb / 4P
3 A DC output current
09-May-2014
STEVAL-ISA154V1 STMICROELECTRONICS-STEVAL-ISA154V1 Datasheet
98Kb / 4P
0.7 A step-down switching regulator evaluation board based on the L5980
15-Apr-2014
STEVAL-ISA158V1 STMICROELECTRONICS-STEVAL-ISA158V1 Datasheet
281Kb / 5P
Embedded output voltage supervisor
15-Jan-2015
STEVAL-ISA159V1 STMICROELECTRONICS-STEVAL-ISA159V1 Datasheet
188Kb / 4P
Thermal shutdown
May 2015 Rev 2
More results

Similar Description - STEVAL-ISA153V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVL6564-50WFLB STMICROELECTRONICS-EVL6564-50WFLB Datasheet
201Kb / 6P
50 W wide-range high power factor flyback converter demonstration board based on the L6564
11-Jun-2012
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
11-Feb-2013
STEVAL-ISA125V1 STMICROELECTRONICS-STEVAL-ISA125V1 Datasheet
160Kb / 4P
5 V / 10 W, 60 kHz isolated flyback with extra power management based on the VIPer28LN
18-Jun-2013
STEVAL-ISA134V1 STMICROELECTRONICS-STEVAL-ISA134V1 Datasheet
240Kb / 4P
12 V - 4 W, 115 kHz isolated flyback based on the VIPer06
16-Apr-2013
STEVAL-ISA135V1 STMICROELECTRONICS-STEVAL-ISA135V1 Datasheet
137Kb / 4P
4 W, 12 V output, isolated flyback converter using VIPer™Plus - VIPER06HS
08-May-2014
STEVAL-ISA182V1 STMICROELECTRONICS-STEVAL-ISA182V1 Datasheet
212Kb / 4P
8.4 W / 30 W peak power offline flyback converter using VIPER38HD
03-Oct-2016
STEVAL-ISA184V1 STMICROELECTRONICS-STEVAL-ISA184V1 Datasheet
221Kb / 4P
5 V-12 V, 15 W double output isolated flyback converter based on VIPer37LD
13-Dec-2016
STEVAL-ISA197V1 STMICROELECTRONICS-STEVAL-ISA197V1 Datasheet
215Kb / 4P
12 V, 7.8 W isolated flyback converter based on VIPer114LS
June 2017 Rev 1
STEVAL-ISA203V1 STMICROELECTRONICS-STEVAL-ISA203V1 Datasheet
1Mb / 7P
48 V flyback converter 12 V ??5 A based on PM8804
Rev 1 - February 2020
STEVAL-VP12201F STMICROELECTRONICS-STEVAL-VP12201F Datasheet
212Kb / 6P
12 V - 5 W isolated flyback converter based on VIPer122LS
23-Oct-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com