Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA160V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-ISA160V1
Description  AECQ100 qualification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA160V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-ISA160V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA160V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA160V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA160V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic diagram
STEVAL-ISA160V1
2/4
DocID029028 Rev 1
1
Schematic diagram
Figure 1: STEVAL-ISA160V1 circuit schematic
VIN
VOUT
L1
0.91uH
AST1S31HF
U1
FB
3
AGND
4
VIN_SW
6
VIN_A
1
EN
2
SW
7
PGND
8
PGOOD
5
R3
10K
C1
47uF
C2
22uF
R1
100K
R2
200K
C3
1uF
GSPG2202161045SG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com