Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA175V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA175V1
Description  Meets STCOMET smart meter and power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA175V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA175V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA175V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA175V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA175V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA175V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
April 2016
DocID029273 Rev 1
1/5
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA175V1
9.4 W, 15 V-5 V-3.3 V, three output isolated flyback converter for
smart meter and power line systems using the VIPER26HD
Data brief
Features
Triple output voltage: 15 V @ 0.55 Arms (0.7
A peak), 3.3 V @ 200 mA and 5 V @ 100
mA
Extended AC mains input voltage range: 90
VAC to 440 VAC
Meets STCOMET smart meter and power
line communication system specs
EMC with EN55022, EN61000, EN61000-4-
4, EN61000-4-5, EN61000-4-6
RoHS compliant
Description
The STEVAL-ISA175V1 evaluation board
implements a three output isolated flyback
specifically designed to supply the STCOMET
smart meter and powerline communication
system.
The board is developed using the VIPER26HD
offline high-voltage converter by
STMicroelectronics. The device features an
800 V avalanche-rugged power section, PWM
operation at 115 kHz with frequency jittering for
lower EMI, current limiting with adjustable set
point, on-board soft-start, safe auto-restart after a
fault condition and low standby power.
The power supply provides 15 V @ 550 mArms
(700 mA peak) to the power line modem (PLM)
and the analog circuitry, a post-regulated 5 V @
100 mA and a 3.3 V @ 200 mA supply through a
dedicated DC-DC converter connected on the 15
V rail for digital circuitry and other low voltage
parts.
The power supply is designed to operate across
an extended 90 to 440 VAC mains input voltage
range to also be used with a phase-to-phase
connection in a three-phase network.
The board can be used in a stand-alone
configuration or with the dedicated STCOMET
development kit and the PCB layout is
specifically designed to fit inside a real meter.


Similar Part No. - STEVAL-ISA175V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA170V1 STMICROELECTRONICS-STEVAL-ISA170V1 Datasheet
537Kb / 4P
RoHS compliant
April 2015 Rev 1
STEVAL-ISA176V1 STMICROELECTRONICS-STEVAL-ISA176V1 Datasheet
266Kb / 5P
ALTAIR05T-800 5 W wide range CV-CC optoless adapter evaluation board
19-Oct-2015
STEVAL-ISA177V1 STMICROELECTRONICS-STEVAL-ISA177V1 Datasheet
273Kb / 4P
5 V, 0.85 A flyback converter using VIPer™ Plus – VIPer01
02-Sep-2016
STEVAL-ISA178V1 STMICROELECTRONICS-STEVAL-ISA178V1 Datasheet
234Kb / 4P
5 V / 200 mA high voltage buck-converter based on VIPer01
16-Sep-2016
STEVAL-ISA179V1 STMICROELECTRONICS-STEVAL-ISA179V1 Datasheet
219Kb / 4P
15 V, 0.15 A buck converter using VIPer™ Plus – VIPer0P
14-Mar-2016
More results

Similar Description - STEVAL-ISA175V1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N7751A HP-N7751A Datasheet
315Kb / 8P
Optical Attenuator and Power Meter
logo
Minmax Technology Co., ...
MKZI20 MINMAX-MKZI20 Datasheet
729Kb / 8P
vibration and thermal shock meets en61373
logo
Texas Instruments
TSS521 TI1-TSS521 Datasheet
807Kb / 17P
Meter-Bus Transceiver (for Slave) Meets
logo
Keysight Technologies
N8262A KEYSIGHT-N8262A Datasheet
1Mb / 14P
Modular Power Meter and Power Sensors
logo
ASM GmbH
PW3335 ASM-SENSOR-PW3335 Datasheet
1,004Kb / 12P
POWER METER
logo
STMicroelectronics
EVLKSTCOMET10-1 STMICROELECTRONICS-EVLKSTCOMET10-1 Datasheet
394Kb / 7P
STCOMET smart meter system-on-chip development kit
13-Nov-2017
logo
Advantech Co., Ltd.
WISE-M501 ADVANTECH-WISE-M501 Datasheet
302Kb / 1P
Multifunction Panel Mount Smart Power Meter
27-Jun-2018
logo
ITECH ELECTRONIC CO.,LT...
IT9121E ITECH-IT9121E Datasheet
1Mb / 4P
Power Meter
logo
Siemens Semiconductor G...
PAC3100 SIEMENS-PAC3100 Datasheet
243Kb / 8P
Power Meter
PAC4200 SIEMENS-PAC4200 Datasheet
292Kb / 8P
Power Meter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com