Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA178V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA178V1
Description  5 V / 200 mA high voltage buck-converter based on VIPer01
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA178V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA178V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA178V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA178V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA178V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
September 2016
DocID029130 Rev 2
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA178V1
5 V / 200 mA high voltage buck-converter based on VIPer01
Data brief
Features
Five-star energy efficiency for operation
under no load (PIN_no_load < 20 mW @ 230
VAC)
Meets ErP Lot 6 Tier 2 requirements for
household and office equipment
Compliant with the 10% load efficiency and
4-point average active-mode efficiency
targets prescribed by the European CoC ver.
5 Tier 2
Meets IEC55022 Class B conducted EMI
even with reduced EMI filter, thanks to the
frequency jittering feature
VIPer01 800V avalanche rugged technology
and embedded protections ensure enhanced
system reliability
RoHS compliant
Applications
Topology: buck
Input power consumption:
Less than 20 mW @ 230 VAC under no-
load condition
Less than 400 mW @ 230 VAC with 250
mW load
Input voltage: 85 - 265 VAC
Output voltage: 5 V
Output current: 200 mA
Switching frequency: 30 kHz with jittering
(±7%)
Max amb. temp: 60 °C
Automatic restart protections: OLP, short
circuit, VCC clamp, max duty cycle counter,
thermal shutdown
Pulse-skip protection to prevent the flux-
runaway
Dimensions: 29 mm x 30 mm
Description
STEVAL-ISA178V1 is a compact and efficient
solution for AC-DC power supplies, and performs
voltage conversion from the main line down to 5
V output voltage.
The low current consumption of the VIPer01 and
its low VCC voltage allows extremely low input
power consumption under no load and light load
conditions.
The pulse skip feature embedded in our IC
reduces the peak current typically present during
the startup phase of a buck converter.


Similar Part No. - STEVAL-ISA178V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA170V1 STMICROELECTRONICS-STEVAL-ISA170V1 Datasheet
537Kb / 4P
RoHS compliant
April 2015 Rev 1
STEVAL-ISA175V1 STMICROELECTRONICS-STEVAL-ISA175V1 Datasheet
230Kb / 5P
Meets STCOMET smart meter and power
29-Apr-2016
STEVAL-ISA176V1 STMICROELECTRONICS-STEVAL-ISA176V1 Datasheet
266Kb / 5P
ALTAIR05T-800 5 W wide range CV-CC optoless adapter evaluation board
19-Oct-2015
STEVAL-ISA177V1 STMICROELECTRONICS-STEVAL-ISA177V1 Datasheet
273Kb / 4P
5 V, 0.85 A flyback converter using VIPer™ Plus – VIPer01
02-Sep-2016
STEVAL-ISA179V1 STMICROELECTRONICS-STEVAL-ISA179V1 Datasheet
219Kb / 4P
15 V, 0.15 A buck converter using VIPer™ Plus – VIPer0P
14-Mar-2016
More results

Similar Description - STEVAL-ISA178V1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6735 TI-TPS6735 Datasheet
306Kb / 18P
FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
SLVS141A TI1-SLVS141A Datasheet
366Kb / 18P
FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
TPS6735 TI1-TPS6735_08 Datasheet
366Kb / 18P
FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
logo
STMicroelectronics
STEVAL-ISA129V1 STMICROELECTRONICS-STEVAL-ISA129V1 Datasheet
239Kb / 4P
16 V - 280 mA non isolated off-line high voltage converter based on the VIPer16
16-Apr-2013
STEVAL-ISA130V1 STMICROELECTRONICS-STEVAL-ISA130V1 Datasheet
191Kb / 4P
12 V 140 mA 30 kHz non-isolated buck topology regulator based on VIPer06XN
02-Aug-2013
STEVAL-ISA177V1 STMICROELECTRONICS-STEVAL-ISA177V1 Datasheet
273Kb / 4P
5 V, 0.85 A flyback converter using VIPer™ Plus – VIPer01
02-Sep-2016
STEVAL-ISA203V1 STMICROELECTRONICS-STEVAL-ISA203V1 Datasheet
1Mb / 7P
48 V flyback converter 12 V ??5 A based on PM8804
Rev 1 - February 2020
STEVAL-VP22201B STMICROELECTRONICS-STEVAL-VP22201B Datasheet
264Kb / 6P
5 V - 360 mA buck converter based on VIPer222XSTR
Rev 1 - February 2020
STEVAL-VP12201F STMICROELECTRONICS-STEVAL-VP12201F Datasheet
212Kb / 6P
12 V - 5 W isolated flyback converter based on VIPer122LS
23-Oct-2020
logo
Silicon Mitus, Inc.
SM6003 SILICONMITUS-SM6003 Datasheet
359Kb / 1P
36 V, 600 mA Buck Converter
December 2017 Rev. 0.0.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com