Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA181V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA181V1
Description  12 V / 600 mA high voltage flyback converter with remote standby control using the VIPer0P
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA181V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA181V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA181V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA181V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA181V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA181V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA181V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
November 2016
DocID030054 Rev 1
1/6
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA181V1
12 V / 600 mA high voltage flyback converter with remote
standby control using the VIPer0P
Data brief
Features
Smart standby architecture using Zero
Power Mode (ZPM) with IR remote on/off
control suitable for Air Conditioning
subsystems and other applications
Based on VIPer0P high voltage converter
with embedded 800V avalanche rugged
power MOSEFET and a current mode PWM
controller with a set of protections for
enhanced system reliability
Input power consumption in Zero Power
Mode lower than 8 mW at 230VAC (switched-
off by remote IR control) while supplying
microcontroller and IR receiver
Input power consumption at no load less
than 30 mW at 230VAC, including
microcontroller consumption
Average efficiency > 80.2% compliant with
EuCoC rev. 5
– Tier 2 and EPS of DOE USA
Meets IEC55022 Class B conducted EMI
even with reduced EMI filter, thanks to the
frequency jittering feature
Meets IEC61000-4-2(ESD), IEC61000-4-4
(EFT) and IEC61000-4-5 (Surge)
RoHS compliant
Description
This SMPS system features an isolated flyback
converter based on VIPer0P and special STM32
core logic to manage the VIPer0P for extremely
low power consumption during ZPM while
supplying the microcontroller and IR receiver and
still maintaining relatively high overall efficiency
during normal operation. The IR remote interface
consists of a dedicated IR TX board and very low
consumption TIA / band pass filter RX.
In the ZPM idle state, the device is shut down
fully and the residual consumption from the
230VAC mains is below 5 mW. The IC enters ZPM
by pulling the OFF pin to SGND for more than 10
ms and exits ZPM (resuming normal switching)
by pulling the ON pin to SGND for more than 20
μs.
This function can be tested by acting on the
tactile switches connected to the ON and OFF
pins.
The proposed power supply is set in isolated
flyback topology with 12 V output voltage and 7.2
W nameplate power.


Similar Part No. - STEVAL-ISA181V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA180V1 STMICROELECTRONICS-STEVAL-ISA180V1 Datasheet
210Kb / 4P
12 V - 0.6 A flyback isolated converter using VIPer™Plus ??VIPer0P
21-Jul-2016
STEVAL-ISA182V1 STMICROELECTRONICS-STEVAL-ISA182V1 Datasheet
212Kb / 4P
8.4 W / 30 W peak power offline flyback converter using VIPER38HD
03-Oct-2016
STEVAL-ISA184V1 STMICROELECTRONICS-STEVAL-ISA184V1 Datasheet
221Kb / 4P
5 V-12 V, 15 W double output isolated flyback converter based on VIPer37LD
13-Dec-2016
STEVAL-ISA185V1 STMICROELECTRONICS-STEVAL-ISA185V1 Datasheet
233Kb / 4P
38 V, 0.5 A synchronous step-down switching regulator evaluation board based on A6985F3V3
21-Jan-2016
STEVAL-ISA186V1 STMICROELECTRONICS-STEVAL-ISA186V1 Datasheet
234Kb / 4P
38 V, 0.5 A synchronous step-down switching regulator evaluation board based on A6985F5V
26-Jan-2016
More results

Similar Description - STEVAL-ISA181V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4214 STMICROELECTRONICS-AN4214 Datasheet
3Mb / 37P
High power factor flyback converter using the L6564
12-Jan-2015
STEVAL-ISA180V1 STMICROELECTRONICS-STEVAL-ISA180V1 Datasheet
210Kb / 4P
12 V - 0.6 A flyback isolated converter using VIPer™Plus ??VIPer0P
21-Jul-2016
STEVAL-ISA115V1 STMICROELECTRONICS-STEVAL-ISA115V1 Datasheet
119Kb / 4P
12 V, 150 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
May 2014 Rev 2
STEVAL-ISA135V1 STMICROELECTRONICS-STEVAL-ISA135V1 Datasheet
137Kb / 4P
4 W, 12 V output, isolated flyback converter using VIPer™Plus - VIPER06HS
08-May-2014
STEVAL-ISA142V1 STMICROELECTRONICS-STEVAL-ISA142V1 Datasheet
219Kb / 4P
50 W, wide-range, high power factor flyback converter using the L6564
November 2013 Rev 1
STEVAL-ISA179V1 STMICROELECTRONICS-STEVAL-ISA179V1 Datasheet
219Kb / 4P
15 V, 0.15 A buck converter using VIPer™ Plus – VIPer0P
14-Mar-2016
STEVAL-ISA192V1 STMICROELECTRONICS-STEVAL-ISA192V1 Datasheet
256Kb / 5P
7 W dual output flyback converter with standby managed by capacitive touch using VIPer0P and STM32L
16-Feb-2017
logo
Texas Instruments
LV2862 TI1-LV2862 Datasheet
671Kb / 20P
LV2862 60-V, 600-mA High Efficiency Wide Input Voltage Range Buck Converter
TPS629206 TI-TPS629206 Datasheet
3Mb / 51P
TPS629206 600-mA, 3-V to 17-V Low IQ Buck Converter with DCS-Control
MARCH 2022
logo
Silicon Mitus, Inc.
SM6003 SILICONMITUS-SM6003 Datasheet
359Kb / 1P
36 V, 600 mA Buck Converter
December 2017 Rev. 0.0.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com