Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA182V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA182V1
Description  8.4 W / 30 W peak power offline flyback converter using VIPER38HD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA182V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA182V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA182V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA182V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA182V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
October 2016
DocID029796 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA182V1
8.4 W / 30 W peak power offline flyback converter using
VIPER38HD
Data brief
Features
US input range: 85
– 132 VAC, frequency: 50
– 60 Hz
Output voltage / current: 12 V / 0.7 A (2.5 A
peak)
Very compact size
Standby mains consumption: lower than 25
mW at 115 VAC
Min. active mode efficiency: 81.14%
Min. active mode at 10% load efficiency:
71.14%
EMI: according to EN55022-Class-B
RoHS compliant
Description
The STEVAL-ISA182V1 evaluation board
implements an isolated flyback converter (12 V /
0.7 A) 8.4 W (30 W peak), US range 85
– 132
VAC, developed for metering.
The core of the application is the VIPER38HD,
the latest offline converter from the VIPerPlus
family. The device is a high-voltage converter
that intelligently integrates an 800 V rugged
power MOSFET with PWM current-mode control.
The device features an adjustable extra power
timer (EPT) that enables the IC to sustain
overload conditions for a few seconds.
The main characteristics of the evaluation board
are its small size, minimal BoM, high efficiency
and low standby consumption. Extremely low
consumption under the no-load condition is
ensured thanks to burst mode operation that
reduces the average switching frequency and
minimizes all frequency related losses.
VIPER38HD operates at 115 kHz fixed
frequency. Frequency jittering is implemented to
help meet the standards regarding
electromagnetic disturbance. The IC features
high-level protections like dual-level OCP, output
overvoltage, short-circuits and thermal shutdown
with hysteresis. After the removal of a fault
condition, the IC is automatically restarted.


Similar Part No. - STEVAL-ISA182V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA180V1 STMICROELECTRONICS-STEVAL-ISA180V1 Datasheet
210Kb / 4P
12 V - 0.6 A flyback isolated converter using VIPer™Plus ??VIPer0P
21-Jul-2016
STEVAL-ISA181V1 STMICROELECTRONICS-STEVAL-ISA181V1 Datasheet
281Kb / 6P
12 V / 600 mA high voltage flyback converter with remote standby control using the VIPer0P
17-Nov-2016
STEVAL-ISA184V1 STMICROELECTRONICS-STEVAL-ISA184V1 Datasheet
221Kb / 4P
5 V-12 V, 15 W double output isolated flyback converter based on VIPer37LD
13-Dec-2016
STEVAL-ISA185V1 STMICROELECTRONICS-STEVAL-ISA185V1 Datasheet
233Kb / 4P
38 V, 0.5 A synchronous step-down switching regulator evaluation board based on A6985F3V3
21-Jan-2016
STEVAL-ISA186V1 STMICROELECTRONICS-STEVAL-ISA186V1 Datasheet
234Kb / 4P
38 V, 0.5 A synchronous step-down switching regulator evaluation board based on A6985F5V
26-Jan-2016
More results

Similar Description - STEVAL-ISA182V1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-100 POWERINT-DER-100 Datasheet
691Kb / 22P
24 W Primary-side Regulated Flyback Power Supply using TOP245Y
DER-105 POWERINT-DER-105 Datasheet
605Kb / 24P
19.3 W Wide Range Flyback Power Supply using TOP243Y
DER-120 POWERINT-DER-120 Datasheet
1Mb / 25P
22 W Triple Output Flyback Converter using DPA424R
DER-121 POWERINT-DER-121 Datasheet
537Kb / 24P
13.1 W AC-DC Flyback Converter Using TNY268P
DI-29 POWERINT-DI-29 Datasheet
66Kb / 2P
25 W Flyback DC-DC Converter
DI-51 POWERINT-DI-51 Datasheet
54Kb / 2P
5 W Flyback DC-DC Converter
DI-129 POWERINT-DI-129 Datasheet
668Kb / 2P
33 W (60 W Peak) PVR Power Supply
logo
STMicroelectronics
STEVAL-ISA142V1 STMICROELECTRONICS-STEVAL-ISA142V1 Datasheet
219Kb / 4P
50 W, wide-range, high power factor flyback converter using the L6564
November 2013 Rev 1
STEVAL-ISA153V1 STMICROELECTRONICS-STEVAL-ISA153V1 Datasheet
267Kb / 4P
12 V, 15 W (20 W peak) isolated flyback converter based on the VIPER38LE
16-May-2014
logo
Linear Technology
LT8315 LINER-LT8315 Datasheet
505Kb / 6P
Offline Isolated Flyback Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com