Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA189V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA189V1
Description  38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F5V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA189V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA189V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA189V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA189V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA189V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
February 2016
DocID028957 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA189V1
38 V, 1.5 A synchronous step-down switching regulator
evaluation board based on A6986F5V
Data brief
Features
AECQ100 qualification
1.5 A DC output current
4 V to 38 V operating input voltage
Low consumption mode or low noise mode
Programmable ISKIP current
45 μA IQ at light load (LCM VIN = 12 V)
8 μA IQ-SHTDWN
Adjustable f SW (250 kHz - 2 MHz)
Fixed output voltage VOUT= 5 V
Embedded output voltage supervisor
Synchronization
Adjustable soft-start time
Internal current limiting
Overvoltage protection
Output voltage sequencing
Peak current mode architecture
RDS(on)HS
= 180 mΩ; RDS(on)LS = 150 mΩ
Thermal shutdown
RoHS compliant
Description
The STEVAL-ISA189V1 is a product evaluation
board based on the ST synchronous step-down
switching regulator A6986F5V, which can deliver
up to 1.5 A and, with its 100% duty cycle ability to
withstand cold crank events and wide input
operating voltage range, represents the ideal
choice for battery-powered automotive systems.
Synchronous rectification helps achieve higher
efficiency at full load as well as application
compactness, while high-frequency switching
(programmable up to 2 MHz) helps reduce the
cost and size of power passive components while
remaining outside the AM band. The device can
operate in low consumption mode (LCM), with a
quiescent current of 30 μA that ensures high
efficiency under light load, which is a requirement
in typical car body applications that are active
when a car is parked. A low noise mode (LNM)
can be selected to meet the requirements of
infotainment applications with forced PWM mode
under all load conditions. The default board
configuration is LCM active, 500 kHz switching
frequency, high ISKIP current and the switchover
feature enabled, but all of these settings can be
easily changed so the user can evaluate different
application scenarios.


Similar Part No. - STEVAL-ISA189V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA180V1 STMICROELECTRONICS-STEVAL-ISA180V1 Datasheet
210Kb / 4P
12 V - 0.6 A flyback isolated converter using VIPer™Plus ??VIPer0P
21-Jul-2016
STEVAL-ISA181V1 STMICROELECTRONICS-STEVAL-ISA181V1 Datasheet
281Kb / 6P
12 V / 600 mA high voltage flyback converter with remote standby control using the VIPer0P
17-Nov-2016
STEVAL-ISA182V1 STMICROELECTRONICS-STEVAL-ISA182V1 Datasheet
212Kb / 4P
8.4 W / 30 W peak power offline flyback converter using VIPER38HD
03-Oct-2016
STEVAL-ISA184V1 STMICROELECTRONICS-STEVAL-ISA184V1 Datasheet
221Kb / 4P
5 V-12 V, 15 W double output isolated flyback converter based on VIPer37LD
13-Dec-2016
STEVAL-ISA185V1 STMICROELECTRONICS-STEVAL-ISA185V1 Datasheet
233Kb / 4P
38 V, 0.5 A synchronous step-down switching regulator evaluation board based on A6985F3V3
21-Jan-2016
More results

Similar Description - STEVAL-ISA189V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6986F STMICROELECTRONICS-A6986F Datasheet
6Mb / 72P
38 V 1.5 A synchronous step-down switching regulator
15-Apr-2015
STEVAL-ISA144V1 STMICROELECTRONICS-STEVAL-ISA144V1 Datasheet
194Kb / 4P
1.5 A step-down switching regulator evaluation board based on the L5983
January 2014 Rev 1
STEVAL-ISA185V1 STMICROELECTRONICS-STEVAL-ISA185V1 Datasheet
233Kb / 4P
38 V, 0.5 A synchronous step-down switching regulator evaluation board based on A6985F3V3
21-Jan-2016
STEVAL-ISA186V1 STMICROELECTRONICS-STEVAL-ISA186V1 Datasheet
234Kb / 4P
38 V, 0.5 A synchronous step-down switching regulator evaluation board based on A6985F5V
26-Jan-2016
STEVAL-ISA187V1 STMICROELECTRONICS-STEVAL-ISA187V1 Datasheet
232Kb / 4P
38 V, 0.5 A synchronous step-down switching regulator evaluation board based on A6985F
27-Jan-2016
STEVAL-ISA188V1 STMICROELECTRONICS-STEVAL-ISA188V1 Datasheet
232Kb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F3V3
02-Feb-2016
STEVAL-ISA190V1 STMICROELECTRONICS-STEVAL-ISA190V1 Datasheet
306Kb / 5P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F
04-May-2016
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
STEVAL-L6981NDR STMICROELECTRONICS-STEVAL-L6981NDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on the L6981NDR
Rev 2 - March 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com