Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA192V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA192V1
Description  7 W dual output flyback converter with standby managed by capacitive touch using VIPer0P and STM32L
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA192V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA192V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA192V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA192V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA192V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA192V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
February 2017
DocID030285 Rev 1
1/5
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA192V1
7 W dual output flyback converter with standby managed by
capacitive touch using VIPer0P and STM32L
Data brief
Features
Smart standby architecture using the zero
power mode (ZPM) for capacitive touch
sensing in consumer electronics applications
Enhanced system reliability thanks to
VIPer0P 800 V avalanche rugged
technology and its embedded protection
Minimized system input power consumption:
less than 30 mW at 230 VAC in ZPM
IEC55022 Class B conducted EMI
compliant, even with reduced EMI filter,
thanks to the frequency jittering feature
IEC61000-4-2 (ESD), IEC61000-4-4 (EFT)
and IEC61000-4-5 (Surge) compliant
RoHS compliant
Description
This offline converter key feature is the zero
power mode (ZPM), an idle state during which
the device is totally shut down. The IC enters
ZPM by pulling the OFF pin to SGND for more
than 10 ms and exits ZPM (resuming normal
switching) by pulling the ON pin to SGND for
more than 20 μs. This function can be tested via
the tactile switches connected to the ON and
OFF pins.
In ZPM the mains power consumption at 230 VAC
can be below 5 mW; the STEVAL-ISA192V1
evaluation board consumption is 30 mW due to
the MCU polling strategy implemented at
firmware level.
The board has a dual output (i.e., - 5 V and + 7 V
based on flyback topology). The negative output
is obtained by just connecting EAGND to the
negative rail and a voltage divider among FB,
EAGND and SGND. The positive output derives
from the turn ratio of the transformer secondary
windings.
To achieve extremely low input power
consumption, the IC is biased through a diode
coming from the + 7 V, which maintains the VCC
voltage high enough (> 4.5 V) to prevent the
internal HV current source activation.
The STEVAL-ISA192V1 is equipped with the
STM32L0 microcontroller which detects tactile
push buttons and capacitive touch interface. The
STM32L0 core manages VIPer0P to achieve
minimum power consumption in ZPM, while
supplying the microcontroller and user interface
(capacitive touch and push button) and still
maintaining the overall efficiency quite high in
standard operation mode.


Similar Part No. - STEVAL-ISA192V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA190V1 STMICROELECTRONICS-STEVAL-ISA190V1 Datasheet
306Kb / 5P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F
04-May-2016
STEVAL-ISA193V1 STMICROELECTRONICS-STEVAL-ISA193V1 Datasheet
270Kb / 6P
15 W, 5 V - 3 A output CC primary sensing USB adapter based on STCH02
02-Aug-2016
STEVAL-ISA193V2 STMICROELECTRONICS-STEVAL-ISA193V2 Datasheet
4Mb / 6P
15 W, 5 V - 3 A output CC primary sensing USB adapter based on STCH02
12-Nov-2018
STEVAL-ISA196V1 STMICROELECTRONICS-STEVAL-ISA196V1 Datasheet
211Kb / 4P
5 V / 1.2 A non-isolated flyback converter using VIPerPlus ??VIPer114LS
19-Sep-2017
STEVAL-ISA197V1 STMICROELECTRONICS-STEVAL-ISA197V1 Datasheet
215Kb / 4P
12 V, 7.8 W isolated flyback converter based on VIPer114LS
June 2017 Rev 1
More results

Similar Description - STEVAL-ISA192V1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-48 POWERINT-DER-48 Datasheet
657Kb / 2P
1.6W Dual Output Flyback Converter using LNK304P
DER-120 POWERINT-DER-120 Datasheet
1Mb / 25P
22 W Triple Output Flyback Converter using DPA424R
DER-121 POWERINT-DER-121 Datasheet
537Kb / 24P
13.1 W AC-DC Flyback Converter Using TNY268P
EPR-12 POWERINT-EPR-12 Datasheet
1Mb / 40P
Engineering Prototype Report for EP-12 - 145 W PC Forward Converter with TOP247 and 10 W 5 V Output Standby Flyback with TNY266
logo
STMicroelectronics
STEVAL-ISA180V1 STMICROELECTRONICS-STEVAL-ISA180V1 Datasheet
210Kb / 4P
12 V - 0.6 A flyback isolated converter using VIPer™Plus ??VIPer0P
21-Jul-2016
STEVAL-ISA135V1 STMICROELECTRONICS-STEVAL-ISA135V1 Datasheet
137Kb / 4P
4 W, 12 V output, isolated flyback converter using VIPer™Plus - VIPER06HS
08-May-2014
STEVAL-ISA179V1 STMICROELECTRONICS-STEVAL-ISA179V1 Datasheet
219Kb / 4P
15 V, 0.15 A buck converter using VIPer™ Plus – VIPer0P
14-Mar-2016
STEVAL-ISA181V1 STMICROELECTRONICS-STEVAL-ISA181V1 Datasheet
281Kb / 6P
12 V / 600 mA high voltage flyback converter with remote standby control using the VIPer0P
17-Nov-2016
STEVAL-ISA182V1 STMICROELECTRONICS-STEVAL-ISA182V1 Datasheet
212Kb / 4P
8.4 W / 30 W peak power offline flyback converter using VIPER38HD
03-Oct-2016
logo
Shenzhen Huazhimei Semi...
HM224 HMSEMI-HM224 Datasheet
602Kb / 10P
touch IC designed using capacitive sensing principle
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com