Electronic Components Datasheet Search
  English  ▼

X  

DB030100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DB030100
Description  RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DB030100 Datasheet(HTML) 1 Page - Vishay Siliconix

  DB030100 Datasheet HTML 1Page - Vishay Siliconix DB030100 Datasheet HTML 2Page - Vishay Siliconix DB030100 Datasheet HTML 3Page - Vishay Siliconix DB030100 Datasheet HTML 4Page - Vishay Siliconix DB030100 Datasheet HTML 5Page - Vishay Siliconix DB030100 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DB 030088, DB 030100
www.vishay.com
Vishay Draloric
Revision: 14-Sep-15
1
Document Number: 22104
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RF Power Feed-Through Capacitors
with Conductor Rod, Class 1 Ceramic
MATERIAL
Capacitor elements made from class 1 ceramic dielectric
with noble metal electrodes.
Connection terminals:
made from copper / brass, silver plated
FINISH
Capacitor body completely protective lacquered.
The contoured insulating rims are additionally glazed.
MARKING
Type designator, capacitance value and tolerance, rated
peak voltage, ceramic material code, production date code,
manufacturer logo
ACCESSORIES ADDED
All feed-through capacitors are supplied with the necessary
nuts and washers to make the connection to the conductor
rod.
FEATURES
• Small size
• Geometry minimizes inductance
• Wide range of capacitance values
APPLICATIONS
Filtering purposes in industrial and medical RF power
equipment where high voltages and high feed-through
currents are required.
CAPACITANCE RANGE
100 pF to 2.5 nF
CAPACITANCE TOLERANCE
± 20 %; ± 10 %; ± 5 %
CERAMIC DIELECTRICS
• R7 (TCC + 100 ppm/K)
• R16 (TCC + 100 ppm/K)
• R42 (TCC - 250 ppm/K)
• R85 (TCC - 750 ppm/K)
• R230 (TCC - 750 ppm/K)
RATED VOLTAGE
• 7.0 kVp
• 8.0 kVp
• 10.0 kVp
DIELECTRIC STRENGTH TEST
200 % of rated AC voltage (50 Hz, 5 minutes)
DISSIPATION FACTOR
R7:
max. 0.07 %
R16:
max. 0.04 %
R42, R85, R230: max. 0.05 %
Measuring frequencies:
1 MHz (< 1 nF); 300 kHz or 100 kHz (
 1 nF)
INSULATION RESISTANCE
Min. 50 000 M
 (at 25 °C)
OPERATING TEMPERATURE RANGE
-55 °C to +100 °C
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
1
Ceramic Dielectric
R16, R85, R230
R7, R16, R42, R85
Type
DB 030088
DB 030100
Voltage (Vp)
10 000
7000
8000
Min. Capacitance (pF)
150
1500
100
Max. Capacitance (pF)
2500
1500
1200
Mounting
Screw terminal


Similar Part No. - DB030100

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
DB03A FUMAN-DB03A Datasheet
239Kb / 6P
500mA charger driver IC
logo
Delta Electronics, Inc.
DB03D0303A DELTA-DB03D0303A Datasheet
204Kb / 4P
2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DB03D0303A DELTA-DB03D0303A Datasheet
199Kb / 4P
2W DC/DC CONVERTER, DIP-Package, High Isolation
DB03D0503A DELTA-DB03D0503A Datasheet
204Kb / 4P
2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DB03D0503A DELTA-DB03D0503A Datasheet
199Kb / 4P
2W DC/DC CONVERTER, DIP-Package, High Isolation
More results

Similar Description - DB030100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DWB045120 VISHAY-DWB045120 Datasheet
175Kb / 3P
Feed-Through Capacitors with Conductor Rod
25-Feb-03
DBF050166 VISHAY-DBF050166 Datasheet
140Kb / 3P
Feed-Through Capacitors with Conductor Rod
24-Jan-02
DBZ34 VISHAY-DBZ34 Datasheet
72Kb / 2P
Feed-Through Capacitors with Conductor Rod
07-Feb-06
DB016030 VISHAY-DB016030 Datasheet
101Kb / 5P
RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
14-Sep-15
DB045120 VISHAY-DB045120 Datasheet
115Kb / 6P
RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
14-Sep-15
DB050110 VISHAY-DB050110 Datasheet
99Kb / 4P
RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
26-Feb-16
DB055135HQ VISHAY-DB055135HQ Datasheet
93Kb / 4P
RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
02-Sep-15
DBF050166HQ VISHAY-DBF050166HQ Datasheet
83Kb / 4P
RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
02-Sep-15
DS030070 VISHAY-DS030070_15 Datasheet
102Kb / 4P
RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
03-Sep-15
DS055100 VISHAY-DS055100 Datasheet
86Kb / 3P
RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
03-Sep-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com