Electronic Components Datasheet Search
  English  ▼

X  

DB045120 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DB045120
Description  RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DB045120 Datasheet(HTML) 2 Page - Vishay Siliconix

  DB045120 Datasheet HTML 1Page - Vishay Siliconix DB045120 Datasheet HTML 2Page - Vishay Siliconix DB045120 Datasheet HTML 3Page - Vishay Siliconix DB045120 Datasheet HTML 4Page - Vishay Siliconix DB045120 Datasheet HTML 5Page - Vishay Siliconix DB045120 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DB 045120, DB 045155
www.vishay.com
Vishay Draloric
Revision: 14-Sep-15
2
Document Number: 22106
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• ## 14th to 15th digit: capacitance tolerance code ± 20 % = 38, ± 10 % = 36, ± 5 % = 33
(1) The surface temperature during operation must not exceed +100 °C
(2) DC or low frequency RMS current (< 20 kHz)
SAP PART NUMBER AND ELECTRICAL DATA
PART NUMBER
CERAMIC
CAP.
VALUES
(pF)
RATED
VOLTAGE
(kVP)
RATED
POWER (1)
(kvar)
RATED
CURRENT
(ARMS)
FEED-THROUGH
CURRENT (2)
(A)
TYPE DB 045120
DB045120WE201##BG1
R16
200
11.0
60.0
50.0
50.0
DB045120WE251##BG1
250
DB045120WE301##BG1
300
DB045120WE401##BH1
R42
400
DB045120WE501##BH1
500
DB045120WE601##BH1
600
DB045120BH801##BH1
800
10.0
DB045120WE102##BJ1
R85
1000
11.0
DB045120WE122##BJ1
1200
DB045120BH152##BJ1
1500
10.0
DB045120WE202##BK1
R230
2000
11.0
DB045120WE252##BK1
2500
DB045120WE302##BK1
3000
DB045120BH472##BK1
4700
10.0
TYPE DB 045155
DB045155WJ102##BJ1
R85
1000
14.0
56.0
25.0
50.0
DB045155WJ272##BK1
R230
2700
DIMENSIONS in millimeters (inches)
SW 17
(0.67 HEX)
SW 13
(0.51 HEX)
20 ± 1
0.79 ± 0.04
M10 Thread
0.8
(0.031)
0.8
(0.031)
Ø 65
(2.56 Dia.)
12 + 1
(0.47 + 0.04)
60°
60°
60°
60°
Ø 6.3 + 0.3 (0.248 + 0.012 Dia.)
Ø 6.3 + 0.3 (0.248 + 0.012 Dia.)
Ø 45
(1.77 Dia.)
Ø 45
(1.77 Dia.)
Ø 65
(2.56 Dia.)
DB 045120
DB 045155
M8 Thread



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com