Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISB032V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISB032V1
Description  Li-Ion battery charger evaluation board based on STNS01
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISB032V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISB032V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISB032V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISB032V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISB032V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
January 2016
DocID027068 Rev 3
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISB032V1
Li-Ion battery charger evaluation board based on STNS01
Data brief
Features
Charges single-cell Li-Ion batteries with CC-
CV algorithm and charge termination
Charge current programmable up to 400 mA
1% accuracy on floating voltage (4.2 V)
Integrated 3.1 V LDO regulator
Automatic power path management
Battery over-charge protection
Battery over-discharge protection
Battery overcurrent protection
Charging timeout
Very low battery leakage in over-
discharge/shutdown mode
Low quiescent current
Charge/fault status output
Charger enable input
RoHS compliant
Description
The STEVAL-ISB032V1 is a product evaluation
board based on the STNS01, which is a linear
charger for single-cell Li-Ion batteries integrating
an LDO regulator and several battery protection
functions. The device uses a CC/CV algorithm to
charge the battery. The fast-charge current can
be programmed using an external resistor. Pre-
charge current and termination current are scaled
accordingly. The floating voltage value is 4.2 V.
The input supply voltage is normally used to
charge the battery and provide power to the LDO
regulator. When a valid input voltage is not
present and the battery is not empty, the device
automatically switches to battery power.
The STNS01 integrates over-charge, over-
discharge and overcurrent protection circuitry to
prevent the battery from being damaged under
fault conditions. It also features a charger enable
input to stop the charging process when battery
overtemperature is detected by external circuitry.
When shutdown mode is activated, the battery
power consumption is reduced to less than 500
nA to maximize battery life during shelf time.


Similar Part No. - STEVAL-ISB032V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISB034V1 STMICROELECTRONICS-STEVAL-ISB034V1 Datasheet
220Kb / 4P
Evaluation board for the LDBL20 high PSRR, miniaturized 200mA LDO
17-Feb-2016
STEVAL-ISB035V1 STMICROELECTRONICS-STEVAL-ISB035V1 Datasheet
307Kb / 4P
Li-Ion/Li-Po battery power management evaluation board based on STBC03
27-Sep-2017
STEVAL-ISB036V1 STMICROELECTRONICS-STEVAL-ISB036V1 Datasheet
470Kb / 4P
Operates as voltage source
23-Dec-2016
STEVAL-ISB037V1 STMICROELECTRONICS-STEVAL-ISB037V1 Datasheet
213Kb / 4P
Logic controlled electronic shutdown
06-Sep-2016
STEVAL-ISB038V1 STMICROELECTRONICS-STEVAL-ISB038V1 Datasheet
724Kb / 9P
1 W wearable wireless power system based on STWBC-WA and STWLC04
21-Nov-2016
More results

Similar Description - STEVAL-ISB032V1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
Li-Ion Battery Charger
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
Shenzhen Huazhimei Semi...
HM4206 HMSEMI-HM4206 Datasheet
1Mb / 12P
Linear Li-Ion Battery Charger Based on Solar Applications
logo
STMicroelectronics
STEVAL-ISB035V1 STMICROELECTRONICS-STEVAL-ISB035V1 Datasheet
307Kb / 4P
Li-Ion/Li-Po battery power management evaluation board based on STBC03
27-Sep-2017
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
Li-ion Battery Charger
Ver1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com