Electronic Components Datasheet Search
  English  ▼

X  

HCTFCP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HCTFCP
Description  High Current Thermal Fuse
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HCTFCP Datasheet(HTML) 1 Page - Vishay Siliconix

  HCTFCP Datasheet HTML 1Page - Vishay Siliconix HCTFCP Datasheet HTML 2Page - Vishay Siliconix HCTFCP Datasheet HTML 3Page - Vishay Siliconix HCTFCP Datasheet HTML 4Page - Vishay Siliconix HCTFCP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HCTF CP Series
www.vishay.com
Vishay Beyschlag
Revision: 10-Apr-13
1
Document Number: 28850
For technical questions, contact: fuse@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Thermal Fuse
The HCTF CP series is especially designed for high current
applications with an operating temperature up to 160 °C. In
case of excess heat in the range of the functioning
temperature of (235 ± 15) °C the thermo fuse opens
automatically
and
disconnects
the
circuit.
Typical
applications are automotive power electronics that are
connected to steady battery power (B+ or terminal
number 30).
FEATURES
• Functioning temperature:
F = (235 ± 15) °C
• Holding temperature:
H = 160 °C
• Current:
 50 A
• Suitable for insert assembly systems
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive
- Fan control units
-ABS
- Diesel glow plug relays
- Diesel pre-heaters
- Electric coolant pumps
Note
(1) Current rating depends on external thermal management.
DIMENSIONS
Note
(2) Between sleek surfaces
TECHNICAL SPECIFICATIONS
DESCRIPTION
HCTF 235 CP
Functioning temperature
F
(235 ± 15) °C
Holding temperature
H (1000 h)
160 °C
Voltage UDC
24 V
Current IDC (1)
 50 A
Cold resistance Rcold
 0.1 m
Residual resistance Rs
> 1 M
DIMENSIONS - Mass and relevant physical dimensions
TYPE
W1
(mm)
W2
(mm)
D1 (2)
(mm)
D2
(mm)
MASS
(g)
HCTF CP
26 ± 0.5
6.5 ± 0.5
7.7 ± 0.3
1.8 ± 0.2
1.45 ± 0.3
D
1
W
2
D
2
W
1


Similar Part No. - HCTFCP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HCTF VISHAY-HCTF Datasheet
92Kb / 5P
High Current Thermal Fuse
10-Apr-13
HCTF VISHAY-HCTF Datasheet
90Kb / 5P
High Current Thermal Fuse
10-Apr-13
HCTF235L055000BR00 VISHAY-HCTF235L055000BR00 Datasheet
90Kb / 5P
High Current Thermal Fuse
10-Apr-13
HCTF VISHAY-HCTF_V01 Datasheet
90Kb / 5P
High Current Thermal Fuse
10-Apr-13
More results

Similar Description - HCTFCP

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE8070 NTE-NTE8070 Datasheet
20Kb / 1P
Thermal Cutoff (Thermal Fuse)
logo
Vishay Siliconix
HCTF VISHAY-HCTF Datasheet
92Kb / 5P
High Current Thermal Fuse
10-Apr-13
logo
PHOENIX CONTACT
2900796 PHOENIX-2900796 Datasheet
54Kb / 2P
Fuse - THERMAL FUSE TF104
logo
Schurter Inc.
RTS SCHURTER-RTS Datasheet
678Kb / 4P
SMD thermal fuse for high currents
04.01.2022
logo
Vishay Siliconix
HCTF VISHAY-HCTF_V01 Datasheet
90Kb / 5P
High Current Thermal Fuse
10-Apr-13
logo
UN Semiconducctor INC
14D471KTB UNSEMI-14D471KTB Datasheet
422Kb / 2P
Thermal Fuse & MOV (TFMOV)
Revision December 18, 2018
14D511KT UNSEMI-14D511KT Datasheet
512Kb / 2P
Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
TMOV14D UNSEMI-TMOV14D Datasheet
3Mb / 6P
Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
TMOV20D UNSEMI-TMOV20D Datasheet
3Mb / 6P
Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
TMOV34S UNSEMI-TMOV34S Datasheet
2Mb / 4P
Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com