Electronic Components Datasheet Search
  English  ▼

X  

KA7540 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KA7540
Description  Simple Dimming Ballast Control IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA7540 Datasheet(HTML) 2 Page - Samsung semiconductor

  KA7540 Datasheet HTML 1Page - Samsung semiconductor KA7540 Datasheet HTML 2Page - Samsung semiconductor KA7540 Datasheet HTML 3Page - Samsung semiconductor KA7540 Datasheet HTML 4Page - Samsung semiconductor KA7540 Datasheet HTML 5Page - Samsung semiconductor KA7540 Datasheet HTML 6Page - Samsung semiconductor KA7540 Datasheet HTML 7Page - Samsung semiconductor KA7540 Datasheet HTML 8Page - Samsung semiconductor KA7540 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
KA7540
KA7540
KA7540
KA7540
2
2
2
2
Internal Block Diagram
Internal Block Diagram
Internal Block Diagram
Internal Block Diagram
IC Characteristics
IC Characteristics
IC Characteristics
IC Characteristics
Parameter
Parameter
Parameter
Parameter
KA7540
KA7540
KA7540
KA7540
Initial soft start frequency
1.33
× normal operating frequency
Voltage controlled dimming
1 ~ 10V
CS
6.8
µF
1
2
3
4
5
6
7
8
Ct
Vdim
Ldet
25
µA
180pF
−
+
Vref
IS
Ict
2V Ref
Internal
bias
+
−
+
+
+
IC
1.8V
12.5V
F.D
UVLO
UVLO
Frequency
divider
from VCS
kVref
−
+
3pF
20k
Ω
80k
Ω
Vd
100
µA
Shut down signal
40k
Ω
5pF
2V
+
−
Id
VCC
8Ict
latch
Q
IS = 17
µA × (Vref − VSS) / Vref
Id = 25
µA × (Vref − Vd) / Vref
VCC
OUT 1
OUT 2
GND
Oscillator
VZ
17
µA
VZ
25
µA
VZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com