Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISB040V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISB040V1
Description  Integrated high efficiency synchronous rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISB040V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISB040V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISB040V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISB040V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISB040V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
November 2016
DocID029973 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISB040V1
2.5 W wireless power receiver evaluation board based on
STWLC03
Data brief
Features
•
Based on STWLC03 for wireless power
receiver
•
2.5 W output power
•
Integrated high efficiency synchronous
rectifier
•
800 kHz programmable step-down converter
with input current and input voltage
regulation loops
•
Qi 1.1.2 based communication protocol
•
I²C interface
•
Thermal protection
•
Low power dissipative rectifier overvoltage
clamp
•
Suitable for wearable applications
•
RoHS compliant
Description
The STEVAL-ISB040V1 is a wireless receiver
evaluation board based on the STWLC03
integrated wireless power receiver.
STWLC03 is focused on the 2.5 W protocol
based on Qi; with digital control and precise
analog control loops ensuring stable operation.
The STWLC03 wireless receiver allows tuning for
a wide range of receiving coils, from small form
factors to standard sizes.
The I²C interface allows customizing device
parameters, which can be saved in embedded
non-volatile memory.


Similar Part No. - STEVAL-ISB040V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISB044V1 STMICROELECTRONICS-STEVAL-ISB044V1 Datasheet
713Kb / 10P
Qi MP-A10 15 W wireless charger TX evaluation kit based onSTWBC-EP
09-Oct-2017
STEVAL-ISB045V1 STMICROELECTRONICS-STEVAL-ISB045V1 Datasheet
751Kb / 7P
2.5 W wireless charger transmitter evaluation kit
18-Apr-2018
STEVAL-ISB047V1 STMICROELECTRONICS-STEVAL-ISB047V1 Datasheet
720Kb / 4P
Qi certified 3-coil 15 W wireless charger TX evaluation kit based on STWBC-MC
06-Feb-2019
More results

Similar Description - STEVAL-ISB040V1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8011 INTERSIL-ISL8011 Datasheet
303Kb / 10P
1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator
August 4, 2009
logo
Micrel Semiconductor
MIC22700 MICREL-MIC22700_10 Datasheet
1Mb / 21P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705 Datasheet
1Mb / 28P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22405 MICREL-MIC22405 Datasheet
1Mb / 30P
4A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705_13 Datasheet
1Mb / 29P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
logo
Monolithic Power System...
MP3429 MPS-MP3429 Datasheet
1Mb / 22P
16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
logo
Renesas Technology Corp
ISL8011 RENESAS-ISL8011 Datasheet
620Kb / 10P
1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator
logo
uPI Group Inc.
UP6010Q UPI-UP6010Q Datasheet
297Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
UP6014 UPI-UP6014 Datasheet
858Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
logo
Monolithic Power System...
MP4572 MPS-MP4572 Datasheet
2Mb / 32P
High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
3/9/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com