Electronic Components Datasheet Search
  English  ▼

X  

L53F3BT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # L53F3BT
Description   T-1 3/4 (5 MM) INFRA RED EMITTING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L53F3BT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  L53F3BT Datasheet HTML 1Page - List of Unclassifed Manufacturers L53F3BT Datasheet HTML 2Page - List of Unclassifed Manufacturers L53F3BT Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Kingbright
®
L53F3BT-V.1#2
Electrical / Optical Characteristics at T)=25°°°°°C
m
e
tIm
e
tI m
e
tI m
e
tIm
e
tIN
/
PN
/
P N
/
P N
/
PN
/
Pl
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
S.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T.
x
a
M.
x
a
M .
x
a
M .
x
a
M.
x
a
Mti
n
Uti
n
U ti
n
U ti
n
Uti
n
Un
o
it
i
d
n
o
Cn
o
it
i
d
n
o
C
n
o
it
i
d
n
o
C
n
o
it
i
d
n
o
Cn
o
it
i
d
n
o
C
e
g
a
tl
o
V
d
r
a
w
r
o
F3
FF
V2
.
15
.
1VA
m
0
2
=
F
I
t
n
e
rr
u
C
e
s
r
e
v
e
R3
FR
I-
0
1A
uV
5
=
R
V
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
J3
Fo
C0
9-
F
pz
H
M
1
=
f
0
=
V
h
t
g
n
e
l
e
v
a
W
l
a
rt
c
e
p
S
k
a
e
P3
FR
l0
4
9-
m
nA
m
0
2
=
F
I
h
t
d
i
w
d
n
a
B
l
a
rt
c
e
p
S3
F
λ
∆
0
5-
m
nA
m
0
2
=
F
I
Absolute Maximum Ratings at T)=25°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
m
e
tIm
e
tI m
e
tI m
e
tIm
e
tIl
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sg
n
it
a
R
m
u
m
i
x
a
Mg
n
it
a
R
m
u
m
i
x
a
M
g
n
it
a
R
m
u
m
i
x
a
M
g
n
it
a
R
m
u
m
i
x
a
Mg
n
it
a
R
m
u
m
i
x
a
Ms
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
D
r
e
w
o
Pd
P0
0
1W
m
t
n
e
r
r
u
C
d
r
a
w
r
o
FF
I0
5A
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
PI P
2
.
1A
e
g
a
tl
o
V
e
s
r
e
v
e
RR
V5V
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
Or
p
o
T0
8
+
~
5
4
-
°C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T0
8
+
~
5
4
-
°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com