Electronic Components Datasheet Search
  English  ▼

X  

ADL5506 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5506
Description  30 MHz to 4.5 GHz, 45 dB RF Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5506 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5506 Datasheet HTML 9Page - Analog Devices ADL5506 Datasheet HTML 10Page - Analog Devices ADL5506 Datasheet HTML 11Page - Analog Devices ADL5506 Datasheet HTML 12Page - Analog Devices ADL5506 Datasheet HTML 13Page - Analog Devices ADL5506 Datasheet HTML 14Page - Analog Devices ADL5506 Datasheet HTML 15Page - Analog Devices ADL5506 Datasheet HTML 16Page - Analog Devices ADL5506 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADL5506
Data Sheet
Rev. A | Page 12 of 23
Figure 21. VLOG and Log Conformance Error vs. PIN over Temperature at 2140 MHz
Figure 22. VLOG and Log Conformance Error vs. PIN over Temperature at 2700 MHz
Figure 23. VLOG and Log Conformance Error vs. PIN over Temperature at 3500 MHz
Figure 24. Distribution of Log Conformance Error with Respect to VLOG at 25°C
vs. PIN and Temperature at 2140 MHz
Figure 25. Distribution of Log Conformance Error with Respect to VLOG at 25°C
vs. PIN and Temperature at 2700 MHz
Figure 26. Distribution of Log Conformance Error with Respect to VLOG at 25°C
vs. PIN and Temperature at 3500 MHz
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
THREE-POINT CALIBRATION
AT –40dBm, –30dBm, AND –10dBm
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
THREE-POINT CALIBRATION
AT –40dBm, –30dBm, AND –10dBm
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
PIN (dBm)
THREE-POINT CALIBRATION
AT –42dBm, –30dBm, AND –10dBm
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
CALIBRATION AT –30dBm AND –10dBm
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
CALIBRATION AT –30dBm AND –10dBm
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
PIN (dBm)
CALIBRATION AT –30dBm AND –10dBm
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com