Electronic Components Datasheet Search
  English  ▼

X  

ADL5910 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5910
Description  DC to 6 GHz, ??5 dB Envelope Threshold Detector/Trigger
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5910 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5910 Datasheet HTML 14Page - Analog Devices ADL5910 Datasheet HTML 15Page - Analog Devices ADL5910 Datasheet HTML 16Page - Analog Devices ADL5910 Datasheet HTML 17Page - Analog Devices ADL5910 Datasheet HTML 18Page - Analog Devices ADL5910 Datasheet HTML 19Page - Analog Devices ADL5910 Datasheet HTML 20Page - Analog Devices ADL5910 Datasheet HTML 21Page - Analog Devices ADL5910 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Data Sheet
ADL5910
Rev. 0 | Page 21 of 22
Component
Function
Notes
Default Values1
VPOS, GND, C11, C12
Power supply interface
Apply the 3.3 V power supply for the evaluation
board to the VPOS (red) and GND (black) test
loops. The nominal supply decoupling consists
of a 100 pF capacitor and a 0.1 µF capacitor, with
the 100 pF capacitor placed closest to the VPOS
pin (Pin 5).
C12 = 0.1 µF (0402),
C11 = 100 pF (0402),
VPOS = 3.3 V
Q, Q, R36, DS1
Threshold detect output
(Q and Q)
The threshold detect flip flop outputs (Q and Q)
are available on the Q and Q yellow test loops.
The Q output drives the DS1 flashing LED.
R36 = 1 kΩ
ENBL, S2, R1
Enable interface
Apply 3.3 V to the ENBL yellow test loop or assert
the S2 switch, to enable the ADL5910. The enable
voltage must be equal to but not greater than
the 3.3 V supply voltage. R1 provides current
limiting in case a voltage is connected to the
ENBL test loop when Switch S2 is in Position 3.
R1 = 1.1 kΩ (0603)
S1 push-button switch,
R3, R5, C3
Threshold detect reset
The threshold detection flip flop is reset by using
the RST push button switch. The RST switch is
connected to the VPOS supply voltage through
a 1.1 kΩ resistor (R3). A 10 kΩ pull-down resistor
(R5) is connected to the RST pin, which pulls
RST low in the absence of any other stimulus.
The ADL5910 normally powers up with the Q
and Q outputs high and low, respectively. To
implement a reset on the power-up circuit, install a
capacitor (C3). When ENBL is asserted, RST goes
high shortly before being pulled back low by R5.
R3 = 1.1 kΩ (0603),
R5 = 10 kΩ (0603),
C3 = open/DNI (0603)
R4, C13
Decoupling network for
the DECL pin
Resistor R4 and Capacitor C13 provide
decoupling for the DECL pin of the ADL5910.
R4 = 4.02 Ω (0402),
C13 = 0.1 µF (0402)
1
DNI means do not install.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com