Electronic Components Datasheet Search
  English  ▼

X  

ADA4622-2ARMZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4622-2ARMZ
Description  30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-2ARMZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4622-2ARMZ Datasheet HTML 15Page - Analog Devices ADA4622-2ARMZ Datasheet HTML 16Page - Analog Devices ADA4622-2ARMZ Datasheet HTML 17Page - Analog Devices ADA4622-2ARMZ Datasheet HTML 18Page - Analog Devices ADA4622-2ARMZ Datasheet HTML 19Page - Analog Devices ADA4622-2ARMZ Datasheet HTML 20Page - Analog Devices ADA4622-2ARMZ Datasheet HTML 21Page - Analog Devices ADA4622-2ARMZ Datasheet HTML 22Page - Analog Devices ADA4622-2ARMZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Data Sheet
ADA4622-1/ADA4622-2
Rev. B | Page 19 of 34
0
1
2
3
4
0
12
34
567
89
10
TIME (µs)
VSY = 5V
VIN = 0.5V TO 3.5V
Figure 50. Large Signal Transient Response, VSY = 5 V
–3
–2
–1
0
1
2
3
0
12
34
567
89
10
TIME (µs)
VSY = ±2.5V
VIN = ±2V
Figure 51. Large Signal Transient Response, VSY = ±2.5 V
–4
–2
0
2
4
0
123456789
10
TIME (µs)
VSY = ±15V
VIN = ±50mV p-p
Figure 52. Small Signal Transient Response, VSY = ±15 V
0
1
2
3
4
0
12
34
567
89
10
TIME (µs)
VSY = ±5V
VIN = ±50mV p-p
Figure 53. Small Signal Transient Response, VSY = ±5 V
0.15
0.20
0.25
0.30
0.35
0
123
45
678
9
10
TIME (µs)
VSY = 5V
VIN = 0.2V TO 0.3V
Figure 54. Small Signal Transient Response, VSY = 5 V
–20
–10
0
10
20
–15
–10
–5
0
5
0
123
45
67
89
10
TIME (µs)
VSY = ±15V
Figure 55. Negative Overload Recovery, AV = −10, VSY = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com