Electronic Components Datasheet Search
  English  ▼

X  

LM903 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM903
Description  Fluid Level Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM903 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM903 Datasheet HTML 1Page - National Semiconductor (TI) LM903 Datasheet HTML 2Page - National Semiconductor (TI) LM903 Datasheet HTML 3Page - National Semiconductor (TI) LM903 Datasheet HTML 4Page - National Semiconductor (TI) LM903 Datasheet HTML 5Page - National Semiconductor (TI) LM903 Datasheet HTML 6Page - National Semiconductor (TI) LM903 Datasheet HTML 7Page - National Semiconductor (TI) LM903 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Application Hints
INTERNAL COMBUSTION ENGINE OIL LEVEL
The basic system provides a single shot measurement
when the supply is applied and has a primary application in
automotive oil hydraulic fluid and coolant monitoring Partic-
ularly in the case of the oil level a valid measurement is
only possible before the oil is disturbed The application cir-
cuit shown is arranged such that the measurement is made
when the ignition is switched on via switch A Switch B is the
oil pressure sensor and is closed before the engine starts
keeping pin 7 low and enabling the measurement
STALLING AND RESTART PROTECTION
The 4M7 resistor and 10 mF capacitor connected to pin 7
provide the restart protection When oil pressure builds up
switch B opens and the 10 mF capacitor charges through
the bulb At switch-off the capacitor discharges slowly and
is capable of preventing a low state on pin 7 for 1 minute
Unless pin 7 is low a new measurement can not be made
and the previous measurement result stored in the memory
capacitor on pin 15 is used to control the output
MEMORY
The pin 15 memory output goes high if a correct measure-
ment is made (lamp off) If the power is removed pin 15
leakage is less than 3 mA and the memory status is retained
for some time Provided pin 15 voltage does not fall below
3V the memory capacitor will be refreshed on powering up
again There is no internal pull down on detecting an incor-
rect measurement If it is required to use pin 15 as an output
indicating the measurement result an external pull down
resistor and buffer will be required
CONTINUOUS WARNING LAMP
The lamp can be arranged to light continuously by disabling
the oscillator with a resistor of 150k or less connected be-
tween pins 10 and 11
REPETITIVE MEASUREMENTS
Measurements may be repeated by strobing the supply to
pin 6 The probe current regulator transistor must have the
same supply as pin 6 but the warning lamp can be perma-
nently powered The lamp will light during each measure-
ment and will flash in between measurements when incor-
rect conditions are detected
ALTERNATIVE APPLICATIONS
Gas flow detection
The cooling effect of gas flowing over
a probe could be used to provide a warning signal from the
LM903 in the event of gas failure
Automatic top up
With the LM903 strobed continuously
the output may be stored buffered and used to drive sole-
noid valves to correct a fluid level as required
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com