Electronic Components Datasheet Search
  English  ▼

X  

LM2567 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2567
Description  LAN DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2567 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2567 Datasheet HTML 1Page - National Semiconductor (TI) LM2567 Datasheet HTML 2Page - National Semiconductor (TI) LM2567 Datasheet HTML 3Page - National Semiconductor (TI) LM2567 Datasheet HTML 4Page - National Semiconductor (TI) LM2567 Datasheet HTML 5Page - National Semiconductor (TI) LM2567 Datasheet HTML 6Page - National Semiconductor (TI) LM2567 Datasheet HTML 7Page - National Semiconductor (TI) LM2567 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Electrical Characteristics (Continued)
Specifications with standard type face are for TJ e 25 C and those in bold typeface apply over full Operating Temperature
Range
Unless otherwise specified VIN e 5V VFB e VREF and ISWITCH e 0 (Note 2)
Symbol
Parameter
Conditions
Typ
Min
Max
Units
SWITCH PARAMETERS
D
ISWITCH
Switch
125
AV
D
VCOMP
Transconductance
IL
Switch Leakage
Switch Off (VFB e 15V)
10
300
m
A
Current
VSW e 50V
600
m
A
VSAT
Switch Saturation
ISW e 20A
05
075
V
Voltage
VCOMP e 12V
10
V
ICL
NPN Switch
VCOMP e 20V
43
37
53
A
Current Limit
30
60
A
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur Operating ratings indicate conditions the device is intended to
be functional but device parameter specifications may not be guaranteed under these conditions For guaranteed specifications and test conditions see the
Electrical Characteristics
Note 2
All limits guaranteed at room temperature (standard typeface) and at temperature extremes (boldface type) All room temperature limits are 100%
production tested All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods
Note 3
Junction-to-Ambient thermal resistanoe with approximately 1 square inch of pc board copper surrounding the leads Additional copper area will lower
thermal resistance further
Note 4
A 10 MX resistor is connected to the compensation pin (which is the error amplifier’s output) to ensure accuracy in measuring AVOL In actual applications
this pin’s load resistance should be t10 MX resulting in AVOL that is typically twice the guaranteed minimum limit
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com