Electronic Components Datasheet Search
  English  ▼

X  

LM9638 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9638
Description  Monochrome CMOS Image Sensor SXGA 18 FPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9638 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM9638 Datasheet HTML 1Page - National Semiconductor (TI) LM9638 Datasheet HTML 2Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves the right at any time without notice to
www.national.com
LIFE SUPPORT POLICY
NATIONAL'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT AND GENERAL
COUNSEL OF NATIONAL SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body, or
(b) support or sustain life, and whose failure to perform when
properly used in accordance with instructions for use pro-
vided in the labeling, can be reasonably expected to result in
a significant injury to the user.
2. A critical component is any component of a life support
device or system whose failure to perform can be reasonably
expected to cause the failure of the life support device or
system, or to affect its safety or effectiveness.
National Semiconductor
Corporation
Americas
Tel: 1-800-272-9959
Fax: 1-800-737-7018
Email: support @ nsc.com
National Semiconductor Europe
Fax: +49 (0) 1 80-530 85 86
Email: europe.support @ nsc.com
Deutsch Tel: +49 (0) 69 9508 6208
English Tel: +44 (0) 870 24 0 2171
Francais Tel: +33 (0) 1 41 91 8790
National Semiconductor
Asia Pacific Customer
Response Group
Tel: 65-2544466
Fax: 65-2504466
Email: ap.support@nsc.com
National Semiconductor
Japan Ltd.
Tel: 81-3-5639-7560
Fax: 81-3-5639-7507
Ordering Information (Product, Samples & Design In Tools)
Item
Description
Part Number
LM9638
LM9638 SXGA, 18 frames per second, monochrome CMOS image sensor.
This sensor is shipped in a 48 pin ceramic leadless chip carrier package.
Minimum order quantity, one tray of 96 units.
LM9638 BCEA
Sample Kit
This kit includes 5 LM9638 samples and complete product datasheet.
LM9638SAMPLE-KIT
Headboard
This is a small PCB that houses the LM9638 sensor together with all neces-
sary discrete components. The headboard is supplied with C-MOUNT lens
block (lens not included) and documentation. M12 Lens mounts (not
included) can be mounted on this board.
LM9638HEADBOARD
Evaluation Kit
The evaluation kit is a complete software/hardware solution designed to
give the system designer a complete raw data evaluation toolset for the
LM9638 sensor.
The kit contains a LM9638 headboard (see above), C-MOUNT lens, capture
and display board, power supply, SNAPS EVAL version Windows applica-
tion software and documentation.
LM9638EVAL-KIT
1/2” Lens Kit
The 1/2” lens kit consists of two 1/2” M12 lenses and an M12 mount that can
be attached to any LM9638 headboard (see above). All lenses in the kit
have been tested by National Semiconductor and are supplied with docu-
mentation and test data.
LM96-1/2-LENS-KIT
change said circuitry and specifications.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com