Electronic Components Datasheet Search
  English  ▼

X  

LMH6658 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6658
Description  270MHz Single Supply, Single & Dual Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6658 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6658 Datasheet HTML 1Page - National Semiconductor (TI) LMH6658 Datasheet HTML 2Page - National Semiconductor (TI) LMH6658 Datasheet HTML 3Page - National Semiconductor (TI) LMH6658 Datasheet HTML 4Page - National Semiconductor (TI) LMH6658 Datasheet HTML 5Page - National Semiconductor (TI) LMH6658 Datasheet HTML 6Page - National Semiconductor (TI) LMH6658 Datasheet HTML 7Page - National Semiconductor (TI) LMH6658 Datasheet HTML 8Page - National Semiconductor (TI) LMH6658 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance
Human Body Model
2KV(Note 2)
Machine Model
200V (Note 9)
V
IN Differential
±2.5V
Output Short Circuit Duration
(Note 3), (Note 11)
Input Current
±10mA
Supply Voltage (V
+ -V−)
12.6V
Voltage at Input/Output pins
V
+ +0.8V, V− −0.8V
Soldering Information
Infrared or Convection (20 sec.)
235˚C
Wave Soldering (10 sec.)
260˚C
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 4)
+150˚C
Operating Ratings (Note 1)
Supply Voltage (V
+ –V−)
3Vto12V
Operating Temperature Range
(Note 4)
−40˚C to +85˚C
Package Thermal Resistance (
θ
JA)(Note 4)
SC70
478˚C/W
SOT23–5
265˚C/W
MSOP-8
235˚C/W
SOIC-8
190˚C/W
5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM =VO =V
+/2, and R
L = 100
Ω (or as
specified) tied to V
+/2. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
GB
Gain Bandwidth Product
V
OUT < 200mVPP
140
MHz
SSBW
−3dB BW
A
V = +1, VOUT = 200mVPP
220
270
MHz
A
V =+2or−1, VOUT = 200mVPP
100
GFP
Frequency Response Peaking
A
V = +2, VOUT = 200mVPP,
DC to 100MHz
1.5
dB
GFR
Frequency Response Rolloff
A
V = +2, VOUT = 200mVPP,
DC to 100MHz
0.5
dB
LPD
1˚
1˚ Linear Phase Deviation
A
V = +2, VOUT = 200mVPP, ±1˚
30
MHz
GF
0.1dB
0.1dB Gain Flatness
A
V = +2, ±0.1dB, VOUT = 200mVPP
13
MHz
PBW
Full Power Bandwidth
−1dB, V
OUT =3VPP,AV = −1
55
MHz
DG
Differential Gain
NTSC, V
CM = 2V, RL = 150
Ω to
V
+/2, Pos. Video Only
0.03
%
DP
Differential Phase
NTSC, V
CM = 2V, RL=150
Ω to V+/2
Pos. Video Only
0.1
deg
Time Domain Response
t
r
Rise and Fall Time
A
V = +2, VOUT = 500mVPP
3.3
ns
A
V = −1, VOUT = 500mVPP
3.4
OS
Overshoot, Undershoot
A
V = +2, VOUT = 500mVPP
18
%
t
s
Settling Time
V
O =2VPP, ±0.1%, RL = 500
Ω to
V
+/2, A
V =−1
37
ns
SR
Slew Rate (Note 8)
A
V = −1, VO =3VPP (Note 13)
470
V/µs
A
V = +2, VO =3VPP (Note 13)
420
Distortion and Noise Response
HD2
2
nd Harmonic Distortion
f = 5MHz, V
O =2VPP,AV = -1
−70
dBc
HD3
3
rd Harmonic Distortion
f = 5MHz, V
O =2VPP,AV = -1
−57
dBc
THD
Total Harmonic Distortion
f = 5MHz, V
O =2VPP,AV = -1
−55.5
dBc
V
n
Input-Referred Voltage Noise
f = 100KHz
11
nV/
f = 1KHz
19
I
n
Input-Referred Current Noise
f = 100KHz
2.1
pA/
f = 1KHz
7.5
XTLKA
Cross-Talk Rejection
(LMH6658)
f = 5MHz, R
L (SND) = 100
Ω
RCV: R
F =RG =1k
69
dB
Static, DC Performance
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com