Electronic Components Datasheet Search
  English  ▼

X  

LTC2054CS5 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2054CS5
Description  Low Power Zero-Drift Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2054CS5 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2054CS5 Datasheet HTML 3Page - Linear Technology LTC2054CS5 Datasheet HTML 4Page - Linear Technology LTC2054CS5 Datasheet HTML 5Page - Linear Technology LTC2054CS5 Datasheet HTML 6Page - Linear Technology LTC2054CS5 Datasheet HTML 7Page - Linear Technology LTC2054CS5 Datasheet HTML 8Page - Linear Technology LTC2054CS5 Datasheet HTML 9Page - Linear Technology LTC2054CS5 Datasheet HTML 10Page - Linear Technology LTC2054CS5 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC2054/LTC2054HV
2054f
reduce this form of clock feedthrough, use smaller valued
gain setting resistors and minimize the source resistance
at the input. If the resistance seen at the inputs is less than
10k, this form of clock feedthrough is less than the amount
of residue clock feedthrough from the first form described
above.
Placing a capacitor across the feedback resistor reduces
either form of clock feedthrough by limiting the bandwidth
of the closed loop gain.
Input bias current is defined as the DC current into the
input pins of the op amp. The same current spikes that
cause the second form of clock feedthrough described
above, when averaged, dominate the DC input bias current
of the op amp below 70
°C.
At temperatures above 70
°C, the leakage of the ESD
protection diodes on the inputs increases the input bias
currents of both inputs in the positive direction, while the
current caused by the charge injection stays relatively
constant. At elevated temperatures (above 85
°C) the
leakage current begins to dominate and both the negative
and positive pin’s input bias currents are in the positive
direction (into the pins).
APPLICATIONS INFORMATION
Clock Feedthrough, Input Bias Current
The LTC2054 uses auto-zeroing circuitry to achieve an
almost zero DC offset over temperature, common mode
voltage, and power supply voltage. The frequency of the
clock used for auto-zeroing is typically 1.0kHz. The term
clock feedthrough is broadly used to indicate visibility of
this clock frequency in the op amp output spectrum. There
are typically two types of clock feedthrough in auto zeroed
op amps like the LTC2054.
The first form of clock feedthrough is caused by the
settling of the internal sampling capacitor and is input
referred; that is, it is multiplied by the closed loop gain of
the op amp. This form of clock feedthrough is independent
of the magnitude of the input source resistance or the
magnitude of the gain setting resistors. The LTC2054 has
a residue clock feedthrough of less then 0.2
µVRMS input
referred at 1.0kHz.
The second form of clock feedthrough is caused by the
small amount of charge injection occurring during the
sampling and holding of the op amp’s input offset voltage.
The current spikes are multiplied by the impedance seen
at the input terminals of the op amp, appearing at the
output multiplied by the closed loop gain of the op amp. To
TEST CIRCUITS
–
+
LTC2054
V+
V –
10
Ω
1
2
3
4
5
RL
2054 TC01
100k
OUTPUT
–
+
LTC2054
–
+
LT1012
10
Ω
1
3
4
2054 TC02
100k
475k
475k
316k
158k
0.1
µF
0.01
µF
0.01
µF
TO X-Y
RECORDER
FOR 1Hz NOISE BW INCREASE ALL THE CAPACITORS BY A FACTOR OF 10.
Electrical Characteristics
Test Circuit
DC-10Hz Noise Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com