Electronic Components Datasheet Search
  English  ▼

X  

LTC3411 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3411
Description  1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3411 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3411 Datasheet HTML 12Page - Linear Technology LTC3411 Datasheet HTML 13Page - Linear Technology LTC3411 Datasheet HTML 14Page - Linear Technology LTC3411 Datasheet HTML 15Page - Linear Technology LTC3411 Datasheet HTML 16Page - Linear Technology LTC3411 Datasheet HTML 17Page - Linear Technology LTC3411 Datasheet HTML 18Page - Linear Technology LTC3411 Datasheet HTML 19Page - Linear Technology LTC3411 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC3411
16
sn3411 3411fs
Figure 7. General Purpose Buck Regulator Using Ceramic Capacitors
SVIN
LTC3411
PGOOD
PGOOD
SW
PVIN
SYNC/MODE
VFB
ITH
SHDN/RT
SGND
L1
2.2
µH
VIN
2.63V TO
5.5V
VOUT
1.8V/2.5V/3.3V
AT 1.25A
R5
100k
R4
324k
R1A
280k
R3
13k
RS1
1M
BM
RS2
1M
3411 F07a
C3
1000pF
C4 22pF
R2 887K
C2
22
µF
SGND
SGND
R1B
412k
R1C
698k
PS
FC
PGND
C1
22
µF
PGND
PGND
SGND
NOTE: IN DROPOUT, THE OUTPUT TRACKS THE INPUT VOLTAGE
C1, C2: TAIYO YUDEN JMK325BJ226MM
L1: TOKO A914BYW-2R2M (D52LC SERIES)
GND
3.3V
2.5V
1.8V
LOAD CURRENT (mA)
100
95
90
85
80
75
70
65
60
1
100
1000
10000
3411 F07b
10
PULSE SKIP
(PS)
FORCED
CONTINUOUS (FC)
VIN = 3.3V
VOUT = 2.5V
fO = 1MHz
Burst Mode
OPERATION (BM)
TYPICAL APPLICATIO S
Efficiency vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com