Electronic Components Datasheet Search
  English  ▼

X  

A3G4250D Datasheet(PDF) 19 Page - STMicroelectronics

Part # A3G4250D
Description  16-bit rate value data output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A3G4250D Datasheet(HTML) 19 Page - STMicroelectronics

Back Button A3G4250D Datasheet HTML 15Page - STMicroelectronics A3G4250D Datasheet HTML 16Page - STMicroelectronics A3G4250D Datasheet HTML 17Page - STMicroelectronics A3G4250D Datasheet HTML 18Page - STMicroelectronics A3G4250D Datasheet HTML 19Page - STMicroelectronics A3G4250D Datasheet HTML 20Page - STMicroelectronics A3G4250D Datasheet HTML 21Page - STMicroelectronics A3G4250D Datasheet HTML 22Page - STMicroelectronics A3G4250D Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
A3G4250D
Main digital blocks
Doc 022768 Rev 3
19/44
Figure 9.
Stream mode
3.2.4
Retrieve data from FIFO
FIFO data is read through the OUT_X, OUT_Y, and OUT_Z registers. When the FIFO is in
stream, trigger or FIFO mode, a read operation to the OUT_X, OUT_Y or OUT_Z registers
provides the data stored in the FIFO. Each time data is read from the FIFO, the oldest pitch,
roll, and yaw data are placed in the OUT_X, OUT_Y and OUT_Z registers, and both single
read and read_burst (X, Y & Z with auto-incremental address) operations can be used. In
read_burst mode, when data included in OUT_Z_H is read, the system again starts to read
information from addr OUT_X_L.
The reading from FIFO may be executed either in synchronous or asynchronous mode. For
correct data acquisition, the following points need to be followed:
1.
If reading is synchronous, all data should be acquired within one ODR cycle
2.
If reading is asynchronous, an appropriate FIFO access sequence must be applied:
a)
A single dummy read @ 28h (increment bit = 0) to update data out
b)
A burst read of 6 bytes from 2Ah (Y low) up to 29h:
–
Y(2A-2Bh)
–
Z(2C - 2Dh)
–
X(28-29h)
Figure 10 illustrates the correct sequence with a flow diagram:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com