Electronic Components Datasheet Search
  English  ▼

X  

PI2007-EVAL2 Datasheet(PDF) 5 Page - Vicor Corporation

Part # PI2007-EVAL2
Description  PI2007-EVAL2 12V/15A High Side Active ORing
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2007-EVAL2 Datasheet(HTML) 5 Page - Vicor Corporation

  PI2007-EVAL2 Datasheet HTML 1Page - Vicor Corporation PI2007-EVAL2 Datasheet HTML 2Page - Vicor Corporation PI2007-EVAL2 Datasheet HTML 3Page - Vicor Corporation PI2007-EVAL2 Datasheet HTML 4Page - Vicor Corporation PI2007-EVAL2 Datasheet HTML 5Page - Vicor Corporation PI2007-EVAL2 Datasheet HTML 6Page - Vicor Corporation PI2007-EVAL2 Datasheet HTML 7Page - Vicor Corporation PI2007-EVAL2 Datasheet HTML 8Page - Vicor Corporation PI2007-EVAL2 Datasheet HTML 9Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Picor Corporation • picorpower.com
PI2007-EVAL2 User Guide Rev. 1.1 Page 5 of 9
Test Procedure:
Initial Test Set Up
PI2007-EVAL2 is designed with two bias circuit
options, bias via 1% external resistor (R3 and R4) or via
internal resistor (VR input). R3 and R4 resistors are
installed (430Ω, 1%).
Baseline Test Procedure – PI2007 (Refer to Figure 3)
1.
Recommended Material
1.1. Material Needed-Picor supplied
1.1.1. PI2007-EVAL2
1.1.2.
PI2007 Product Datasheet
1.2. Recommended Users Supplied Equipment
1.2.1. Two DC power supplies: 0-20V; 20A each.
1.2.2. One low power logic voltage power supply
1.2.3. Load: electronic Load, Power resistors or
actual load.
1.2.4. Multimeter.
1.2.5. Oscilloscope.
1.2.6. Appropriately sized interconnect cables.
1.2.7. Safety glasses.
Figure 3:
Layout configuration for a typical redundant power application using PI2007.
DC
Electronic
Load
PS1
-
PS2
+
-
+
-
0-20V/20A
30A
0-20V/20A
PS3
+
-
12V/100mA
Logic PS
+
Gate



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com