Electronic Components Datasheet Search
  English  ▼

X  

AIS2120SX Datasheet(PDF) 46 Page - STMicroelectronics

Part # AIS2120SX
Description  Embedded self-test
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2120SX Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AIS2120SX Datasheet HTML 42Page - STMicroelectronics AIS2120SX Datasheet HTML 43Page - STMicroelectronics AIS2120SX Datasheet HTML 44Page - STMicroelectronics AIS2120SX Datasheet HTML 45Page - STMicroelectronics AIS2120SX Datasheet HTML 46Page - STMicroelectronics AIS2120SX Datasheet HTML 47Page - STMicroelectronics AIS2120SX Datasheet HTML 48Page - STMicroelectronics AIS2120SX Datasheet HTML 49Page - STMicroelectronics AIS2120SX Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
Interface description
AIS1120SX / AIS2120SX
46/58
DocID028312 Rev 3
Table 43 provides some examples of SDO bit sequence interpretation.
Notes:
1.Once the device finishes fast offset cancellation (and self-test calibration), it automatically
enters into the programming phase (ST1:ST0 status "10") until the EOI command has been
sent. During this phase, if there is not any self-test initialization command from SPI, 0 g in
self-test phase on both channels could be read from the acceleration commands.
2.When starting channel X self-test:
a.Channel X acceleration command will read channel X self-test value
b.Channel Y acceleration command will read temperature sensor value for self-test
temperature compensation algorithm.
3.When starting channel Y self-test:
c.Channel X acceleration command will read temperature sensor value for self-test
temperature compensation algorithm.
d.Channel Y acceleration command will read channel Y self-test value
11
CNC = 0100 condition not correct error
11
ND = 0101 no data error
11
HE = 0110 (cap loss error + charge pump error + VDD undervoltage +
VREG undervoltage + VDD overvoltage + VREG overvoltage + SLOW
offset max)
00
AS = 1000 (ADC internal > 160G)
Table 43. SDO bit examples
31
30
29
28
27
26
[25:12]
[11:8]
[7:0]
Definition
SEN
CH1
CH0
P
ST1
ST2
D11:D2/error
SF3:SF0
CRC
Device status
1
0
0
0
0
X, Init no ST
0101
CRC
INIT, self test off
1
0
1
0
0
Y, Init no ST
0101
CRC
INIT, self test off
1
0
0
0
1
X data
0000
CRC
Normal mode
1
0
1
0
1
Y data
0000
CRC
Normal mode
1
0
0
1
0
X data
0000
CRC
Self-test mode
1
0
1
1
0
Y data
0000
CRC
Self-test mode
1
0
0
1
1
X data
Status flag
CRC
Error response
1
0
1
1
1
Y data
Status flag
CRC
Error response
Table 42. Error codes (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com