Electronic Components Datasheet Search
  English  ▼

X  

FDZ5.6 Datasheet(PDF) 2 Page - Rohm

Part # FDZ5.6
Description  Zener Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FDZ5.6 Datasheet(HTML) 2 Page - Rohm

  FDZ5.6 Datasheet HTML 1Page - Rohm FDZ5.6 Datasheet HTML 2Page - Rohm FDZ5.6 Datasheet HTML 3Page - Rohm FDZ5.6 Datasheet HTML 4Page - Rohm FDZ5.6 Datasheet HTML 5Page - Rohm FDZ5.6 Datasheet HTML 6Page - Rohm FDZ5.6 Datasheet HTML 7Page - Rohm FDZ5.6 Datasheet HTML 8Page - Rohm FDZ5.6 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Vz test time is 40ms
5.0
2.0
FDZ Series
Data sheet
●Characteristics (Ta=25ºC)
P/N
Symbol
Zener Voltage:VZ(V)
Reverse Current:IR(μA)
MIN.
MAX.
Iz(mA)
MAX.
VR(V)
1.5
FDZ5.1
FDZ6.2
5.860
6.530
5.0
1.0
5.310
5.920
5.0
1.0
2.5
4.840
5.370
4.0
FDZ6.8
6.470
7.140
5.0
0.5
3.5
FDZ7.5
7.060
7.840
5.0
0.5
3.0
FDZ5.6
TYPE
Marking
FDZ8.2
7.760
8.640
5.0
0.5
5.0
●Marking
FDZ6.2
FA
FDZ6.8
HA
TYPE
Marking
FDZ5.1
DA
FDZ7.5
JA
FDZ5.6
EA
FDZ8.2
KA
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
2/6
2016/08/30_Rev.00
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com