Electronic Components Datasheet Search
  English  ▼

X  

L2G2IS Datasheet(PDF) 15 Page - STMicroelectronics

Part # L2G2IS
Description  Embedded temperature sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G2IS Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L2G2IS Datasheet HTML 11Page - STMicroelectronics L2G2IS Datasheet HTML 12Page - STMicroelectronics L2G2IS Datasheet HTML 13Page - STMicroelectronics L2G2IS Datasheet HTML 14Page - STMicroelectronics L2G2IS Datasheet HTML 15Page - STMicroelectronics L2G2IS Datasheet HTML 16Page - STMicroelectronics L2G2IS Datasheet HTML 17Page - STMicroelectronics L2G2IS Datasheet HTML 18Page - STMicroelectronics L2G2IS Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
DocID027248 Rev 2
15/26
L2G2IS
Digital interfaces
26
5
Digital interfaces
The registers embedded inside the L2G2IS may be accessed through the SPI serial
interfaces.
5.1
SPI bus interface
The SPI is a bus slave. The SPI allows to write and read the registers of the device.
The serial interface connects to applications using 4 wires: CS, SCL, SDI and SDO.
CS is the serial port enable and it is controlled by the SPI master. It goes low at the start of
the transmission and goes back high at the end. SCL is the serial port clock and it is
controlled by the SPI master. It is stopped high when CS is high (no transmission). SDI and
SDO are respectively the serial port data input and output. Those lines are driven at the
falling edge of SCL and should be captured at the rising edge of SCL.
Both the read register and write register commands are completed in 16 clock pulses or in
multiples of 8 in case of multiple read/write bytes. Bit duration is the time between two falling
edges of SCL. The first bit (bit 0) starts at the first falling edge of SCL after the falling edge
of CS while the last bit (bit 15, bit 23, ...) starts at the last falling edge of SCL just before the
rising edge of CS.
bit 0: RW bit. When 0, the data DI(7:0) is written into the device. When 1, the data DO(7:0)
from the device is read. In latter case, the chip will drive SDO at the start of bit 8.
bit 1-7: address AD(6:0). This is the address field of the indexed register.
bit 8-15: data DI(7:0) (write mode). This is the data that is written into the device (MSb first).
bit 8-15: data DO(7:0) (read mode). This is the data that is read from the device (MSb first).
The function and the behavior of SDI and SDO remain unchanged.
Table 9. Serial interface pin description
Pin name
Pin description
CS
Chip-select line
SCL
SPI serial port clock
SDI/SDO
Serial data input (SDI)
3-wire interface serial data output (SDO)
SDO
Serial data output (SDO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com