Electronic Components Datasheet Search
  English  ▼

X  

LIS2DH12TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS2DH12TR
Description  Free-fall detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DH12TR Datasheet(HTML) 1 Page - STMicroelectronics

  LIS2DH12TR Datasheet HTML 1Page - STMicroelectronics LIS2DH12TR Datasheet HTML 2Page - STMicroelectronics LIS2DH12TR Datasheet HTML 3Page - STMicroelectronics LIS2DH12TR Datasheet HTML 4Page - STMicroelectronics LIS2DH12TR Datasheet HTML 5Page - STMicroelectronics LIS2DH12TR Datasheet HTML 6Page - STMicroelectronics LIS2DH12TR Datasheet HTML 7Page - STMicroelectronics LIS2DH12TR Datasheet HTML 8Page - STMicroelectronics LIS2DH12TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
This is information on a product in full production.
May 2017
DocID025056 Rev 6
1/53
LIS2DH12
MEMS digital output motion sensor:
ultra-low-power high-performance 3-axis "femto" accelerometer
Datasheet
- production data
Features
 Wide supply voltage, 1.71 V to 3.6 V
 Independent IO supply (1.8 V) and supply
voltage compatible
 Ultra-low power consumption down to 2 μA
2g/±4g/8g/16g selectable full scales
 I2C/SPI digital output interface
 2 independent programmable interrupt
generators for free-fall and motion detection
 6D/4D orientation detection
 “Sleep-to-wake” and “return-to-sleep” functions
 Free-fall detection
 Motion detection
 Embedded temperature sensor
 Embedded FIFO
 ECOPACK®, RoHS and “Green” compliant
Applications
 Motion-activated functions
 Display orientation
 Shake control
 Pedometer
 Gaming and virtual reality input devices
 Impact recognition and logging
Description
The LIS2DH12 is an ultra-low-power high-
performance three-axis linear accelerometer
belonging to the “femto” family with digital I2C/SPI
serial interface standard output.
The LIS2DH12 has user-selectable full scales of
2g/±4g/8g/16g and is capable of measuring
accelerations with output data rates from 1 Hz to
5.3 kHz.
The self-test capability allows the user to check
the functionality of the sensor in the final
application.
The device may be configured to generate
interrupt signals by detecting two independent
inertial wake-up/free-fall events as well as by the
position of the device itself.
The LIS2DH12 is available in a small thin plastic
land grid array package (LGA) and is guaranteed
to operate over an extended temperature range
from -40 °C to +85 °C.
Table 1. Device summary
Order code
Temp.
range [
C]
Package
Packaging
LIS2DH12TR
-40 to +85
LGA-12
Tape and
reel
www.st.com


Similar Part No. - LIS2DH12TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2DH STMICROELECTRONICS-LIS2DH Datasheet
927Kb / 50P
ultra low-power high performance 3-axis ?쐄emto??accelerometer
25-Nov-2011
LIS2DHTR STMICROELECTRONICS-LIS2DHTR Datasheet
927Kb / 50P
ultra low-power high performance 3-axis ?쐄emto??accelerometer
25-Nov-2011
More results

Similar Description - LIS2DH12TR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS601AF TOSHIBA-TPS601AF_07 Datasheet
212Kb / 6P
Lead(Pb)-Free Photoelectric Counter Position Detection Various Kinds Of Readers
logo
Maxim Integrated Produc...
MAX3748 MAXIM-MAX3748_11 Datasheet
370Kb / 13P
Compact 155Mbps to 4.25Gbps Limiting Amplifier 86ps Rise and Fall Time
Rev 6; 6/11
logo
NXP Semiconductors
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4015BT-653 NXP-HEF4015BT-653 Datasheet
108Kb / 15P
Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEF4520BT-653 NXP-HEF4520BT-653 Datasheet
159Kb / 14P
Tolerant of slow clock rise and fall times
Rev. 6-18 November 2011
HEF4013BT-653 NXP-HEF4013BT-653 Datasheet
122Kb / 16P
Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
logo
M/A-COM Technology Solu...
M02067 MA-COM-M02067 Datasheet
414Kb / 20P
Rise and fall times <150 ps
logo
Cypress Semiconductor
MB3793-34A CYPRESS-MB3793-34A Datasheet
949Kb / 26P
Precise detection of power voltage fall: ?깍?2.5%
MB3793-27A CYPRESS-MB3793-27A Datasheet
610Kb / 30P
Precise detection of power voltage fall: 2.5%
logo
RAF ELECTRONIC HARDWARE
8584-2528-A RAF-8584-2528-A Datasheet
139Kb / 1P
1/4 ROUND, 90째 FREE FALL EXTERNAL THREADED HANDLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com