Electronic Components Datasheet Search
  English  ▼

X  

LPS35HW Datasheet(PDF) 18 Page - STMicroelectronics

Part # LPS35HW
Description  Embedded temperature compensation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS35HW Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LPS35HW Datasheet HTML 14Page - STMicroelectronics LPS35HW Datasheet HTML 15Page - STMicroelectronics LPS35HW Datasheet HTML 16Page - STMicroelectronics LPS35HW Datasheet HTML 17Page - STMicroelectronics LPS35HW Datasheet HTML 18Page - STMicroelectronics LPS35HW Datasheet HTML 19Page - STMicroelectronics LPS35HW Datasheet HTML 20Page - STMicroelectronics LPS35HW Datasheet HTML 21Page - STMicroelectronics LPS35HW Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
FIFO
LPS35HW
18/48
DocID029129 Rev 1
Figure 9: Dynamic-Stream mode
4.5
Stream-to-FIFO mode
In Stream-to-FIFO mode (FIFO_CTRL(FMODE2:0) = 011), FIFO behavior changes
according to the INT_SOURCE(IA) bit. When INT_SOURCE(IA) bit is equal to '1', FIFO
operates in FIFO mode. When the INT_SOURCE(IA) bit is equal to '0', FIFO operates in
Stream mode.
An interrupt generator can be set to the desired configuration through
INTERRUPT_CFG(0Bh).
The INTERRUPT_CFG(LIR) bit should be set to '1' in order to have latched interrupt.
Figure 10: Stream-to-FIFO mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48