Electronic Components Datasheet Search
  English  ▼

X  

MP34DT05 Datasheet(PDF) 4 Page - STMicroelectronics

Part # MP34DT05
Description  MEMS audio sensor omnidirectional digital microphone
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DT05 Datasheet(HTML) 4 Page - STMicroelectronics

  MP34DT05 Datasheet HTML 1Page - STMicroelectronics MP34DT05 Datasheet HTML 2Page - STMicroelectronics MP34DT05 Datasheet HTML 3Page - STMicroelectronics MP34DT05 Datasheet HTML 4Page - STMicroelectronics MP34DT05 Datasheet HTML 5Page - STMicroelectronics MP34DT05 Datasheet HTML 6Page - STMicroelectronics MP34DT05 Datasheet HTML 7Page - STMicroelectronics MP34DT05 Datasheet HTML 8Page - STMicroelectronics MP34DT05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
List of figures
MP34DT05
4/21
DocID029902 Rev 1
List of figures
Figure 1: Pin connections ...........................................................................................................................5
Figure 2: Timing waveforms .......................................................................................................................7
Figure 3: Typical frequency response normalized to 1 kHz........................................................................8
Figure 4: MP34DT05 electrical connections (top view) ..............................................................................9
Figure 5: MP34DT05 electrical connections for stereo configuration (top view) ......................................10
Figure 6: Carrier tape without microphone (top view)...............................................................................11
Figure 7: Carrier tape with microphone (top view)....................................................................................11
Figure 8: Recommended picking area......................................................................................................12
Figure 9: Recommended picker design ....................................................................................................13
Figure 10: Recommended soldering profile limits ....................................................................................17
Figure 11: HCLGA (3 x 4 x 1 mm) 4-lead package outline and mechanical data ....................................18
Figure 12: Land pattern.............................................................................................................................19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com